Electronic Components Datasheet Search
  English  ▼

X  

DP80C51 Datasheet(PDF) 8 Page - Digital Core Design

Part # DP80C51
Description  Pipelined High Performance 8-bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80C51 Datasheet(HTML) 8 Page - Digital Core Design

Back Button DP80C51 Datasheet HTML 2Page - Digital Core Design DP80C51 Datasheet HTML 3Page - Digital Core Design DP80C51 Datasheet HTML 4Page - Digital Core Design DP80C51 Datasheet HTML 5Page - Digital Core Design DP80C51 Datasheet HTML 6Page - Digital Core Design DP80C51 Datasheet HTML 7Page - Digital Core Design DP80C51 Datasheet HTML 8Page - Digital Core Design DP80C51 Datasheet HTML 9Page - Digital Core Design DP80C51 Datasheet HTML 10Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
268
1550
11525
26220
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
20000
22000
24000
26000
28000
80C51 (12MHz)
80C310 (33MHz)
DP80C51 - external program memory (150MHz)
DP80C51 - internal program memory (150MHz)
Area utilized by the each unit of DP80C51 core
in vendor specific technologies is summarized
in table below.
Area
Component
[LC]
[FFs]
CPU*
1670
310
Interrupt Controller
150
40
Power Management Unit
10
5
I/O ports
100
35
Timers
160
50
UART0
210
60
Total area
2300
500
*CPU – consisted of ALU, Opcode Decoder, Control Unit, Program &
Internal & External Memory Interfaces, User SFRs Interface
Core components area utilization in all technologies except
STRATIX-II
Area
Component
[LC]
[FFs]
CPU*
1305
310
Interrupt Controller
115
40
Power Management Unit
10
5
I/O ports
75
35
Timers
125
50
UART0
160
60
Total area
1790
500
*CPU – consisted of ALU, Opcode Decoder, Control Unit, Program &
Internal & External Memory Interfaces, User SFRs Interface
Core components area utilization in STRATIX-II



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com