Electronic Components Datasheet Search
  English  ▼

X  

DP80C51 Datasheet(PDF) 4 Page - Digital Core Design

Part # DP80C51
Description  Pipelined High Performance 8-bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80C51 Datasheet(HTML) 4 Page - Digital Core Design

  DP80C51 Datasheet HTML 1Page - Digital Core Design DP80C51 Datasheet HTML 2Page - Digital Core Design DP80C51 Datasheet HTML 3Page - Digital Core Design DP80C51 Datasheet HTML 4Page - Digital Core Design DP80C51 Datasheet HTML 5Page - Digital Core Design DP80C51 Datasheet HTML 6Page - Digital Core Design DP80C51 Datasheet HTML 7Page - Digital Core Design DP80C51 Datasheet HTML 8Page - Digital Core Design DP80C51 Datasheet HTML 9Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
SYMBOL
PINS DESCRIPTI O N
PIN
TYPE
DESCRIPTION
clk
input
Global clock
reset
input
Global reset input
port0[7:0]
bidir
I/O Port 0, multifunctional
Data/LSB address of external memory
port1[7:0]
bidir
I/O Port 1
port2[7:0]
bidir
I/O Port 2, multifunctional
MSB address of external memory
port3[0]
bidir
I/O Port 3.0
Serial receiver input/output port
port3[1]
bidir
I/O Port 3.1
Serial transmitter output port
port3[2]
bidir
I/O Port 3.2, multifunctional
Interrupt 0 input/timer 0 gate
port3[3]
bidir
I/O Port 3.3, multifunctional
Interrupt 1 input/timer 1 gate
port3[4]
bidir
I/O Port 3.4, multifunctional
Timer 0 external clock line
PIN
TYPE
DESCRIPTION
port3[5]
bidir
I/O Port 3.5, multifunctional
Timer 1 external clock line
port3[6]
bidir
I/O Port 3.6
External Data Memory write
port3[7]
bidir
I/O Port 3.7
External Data Memory read
ea
input
Enable all external program memory
prgramdatai[7:0]
input
Data bus from int. RAM prog. memory
prgromdatai[7:0]
input
Data bus from int. ROM prog. memory
ramdatai[7:0]
input
Data bus from internal data memory
sfrdatai[7:0]
input
Data bus from user SFR’s
tdi
input
DoCD™ TAP data input
tck
input
DoCD™ TAP clock input
tms
input
DoCD™ TAP mode select input
rsto
output Reset output
prgaddr[15:0]
output Internal program memory address bus
prgdatao[7:0]
output Data bus for internal program memory
prgramwr
output Internal program memory write
ale
output Address Latch Enable
psen
output Program Store (memory) read Enable
pswr
output Program Store (memory) Write
ramaddr[7:0]
output Internal Data Memory address bus
ramdatao[7:0]
output Data bus for internal data memory
ramoe
output Internal data memory output enable
ramwe
output Internal data memory write enable
sfraddr[6:0]
output Address bus for user SFR’s
sfrdatao[7:0]
output Data bus for user SFR’s
sfroe
output User SFR’s read enable
sfrwe
output User SFR’s write enable
tdo
output DoCD™ TAP data output
rtck
output DoCD™ return clock line
debugacs
output DoCD™ accessing data
coderun
output CPU is executing an instruction
pmm
output Power management mode indicator
stop
output Stop mode indicator
reset
port0(7:0)
port1(7:0)
port2(7:0)
port3(7:0)
prgromdatai(7:0)
prgramdatai(7:0)
prgaddr(15:0)
prgdatao(7:0)
prgramwr
sfrdatai(7:0)
sfraddr(6:0)
sfrdatao(7:0)
sfroe
sfrwe
ramaddr(7:0)
ramdatao(7:0)
ramwe
ramoe
ramdatai(7:0)
ea
ale
psen
pswr
stop
pmm
tdi
tck
tms
tdo
rtck
coderun
debugacs
rsto
clk



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com