Electronic Components Datasheet Search
  English  ▼

X  

DP80390 Datasheet(PDF) 3 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance 8-bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 3 Page - Digital Core Design

  DP80390 Datasheet HTML 1Page - Digital Core Design DP80390 Datasheet HTML 2Page - Digital Core Design DP80390 Datasheet HTML 3Page - Digital Core Design DP80390 Datasheet HTML 4Page - Digital Core Design DP80390 Datasheet HTML 5Page - Digital Core Design DP80390 Datasheet HTML 6Page - Digital Core Design DP80390 Datasheet HTML 7Page - Digital Core Design DP80390 Datasheet HTML 8Page - Digital Core Design DP80390 Datasheet HTML 9Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
♦
◊
◊
◊
♦
◊
◊
◊
♦
◊
◊
◊
♦
♦
♦
◊
◊
http://www.DigitalCoreDesign.com
http://www.dcd.pl
DELIVERABLES
Source code:
VHDL Source Code or/and
VERILOG Source Code or/and
Encrypted, or plain text EDIF netlist
VHDL & VERILOG test bench environment
Active-HDL automatic simulation macros
ModelSim automatic simulation macros
Tests with reference responses
Technical documentation
Installation notes
HDL core specification
Datasheet
Synthesis scripts
Example application
Technical support
IP Core implementation support
3 months maintenance
●
Delivery the IP Core updates, minor and
major versions changes
●
Delivery the documentation updates
●
Phone & email support
LICENSING
Comprehensible and clearly defined licensing
methods without royalty fees make using of IP
Core easy and simply.
Single Design
license allows using IP Core in
single FPGA bitstream and ASIC implementa-
tion. It also permits FPGA prototyping before
ASIC production.
Unlimited Designs
license allows using IP Core
in unlimited number of FPGA bitstreams and
ASIC implementations.
In all cases number of IP Core instantiations
within a design, and number of manufactured
chips are unlimited. There is no time of use
limitations.
●
○
Single Design license for
VHDL, Verilog source code called HDL Sour-
ce
○ Encrypted, or plain text EDIF called Netlist
●
○
○
●
○
○
♦
○
○
♦
♦
♦
♦
Unlimited Designs license for
HDL Source
Netlist
Upgrade from
Netlist to HDL Source
Single Design to Unlimited Designs
DESIGN FEATURES
PROGRAM MEMORY:
The DP80390 soft core is dedicated for
operation with Internal and External Pro-
gram Memory. It maximal linear size is
equal to 8 MB. Internal Program Memory
can be implemented as:
ROM located in address range between
0000h
÷ (ROM
size-1)
RAM located in address range between
(64kB-RAMsize) ÷ FFFFh
External Program Memory can be im-
plemented as ROM or RAM located in ad-
dress range between ROMsize ÷ 8 MB ex-
cluding area occupied by RAMsize.
INTERNAL DATA MEMORY:
The DP80390 can address Internal Data
Memory of up to 256 bytes The Internal
Data Memory can be implemented as Sin-
gle-Port synchronous RAM.
EXTERNAL DATA MEMORY:
The DP80390 soft core can address up
to 16 MB of External Data Memory. Extra
DPX (Data Pointer eXtended) register is
used for segments swapping.
USER
SPECIAL FUNCTION REGISTERS:
Up to 104 External (user) Special Func-
tion Registers (ESFRs) may be added to
the DP80390 design. ESFRs are memory
mapped into Direct Memory between ad-
dresses 0x80 and 0xFF in the same man-
ner as core SFRs and may occupy any ad-
dress that is not occupied by a core SFR.
WAIT STATES SUPPORT:
The DP80390 soft core is dedicated for
operation with wide range of Program and
Data memories. Slow Program and Exter-
nal Data memory may assert a memory
Wait signal to hold up CPU activity.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com