Electronic Components Datasheet Search
  English  ▼

X  

DP80390 Datasheet(PDF) 4 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance 8-bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 4 Page - Digital Core Design

  DP80390 Datasheet HTML 1Page - Digital Core Design DP80390 Datasheet HTML 2Page - Digital Core Design DP80390 Datasheet HTML 3Page - Digital Core Design DP80390 Datasheet HTML 4Page - Digital Core Design DP80390 Datasheet HTML 5Page - Digital Core Design DP80390 Datasheet HTML 6Page - Digital Core Design DP80390 Datasheet HTML 7Page - Digital Core Design DP80390 Datasheet HTML 8Page - Digital Core Design DP80390 Datasheet HTML 9Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
SYMBOL
BLOCK DIAGRAM
sfraddr(6:0)
sfrdatao(7:0)
sfrdatao(7:0)
sfroe
sfrwe
xaddr(23:0)
xdatao(7:0)
xdatai(7:0)
xdataz
ready
xprgrd
xprgwr
xdatard
xdatawr
ramaddr(7:0)
ramdatao(7:0)
ramdatai(7:0)
ramwe
ramoe
prgramdata(7:0)
prgromdata(7:0)
prgaddr(15:0)
prgdatao(7:0)
prgramwr
Program
memory
interface
Opcode
decoder
Internal data
memory
interface
User SFR’s
interface
External
memory
interface
Control
Unit
clk
reset
rsto
iprgromsize(2:0)
iprgramsize(2:0)
I/O Port
registers
Timers
UART
Interrupt
controller
ALU
DoCD™
Debug Unit
Power
Manage-
ment Unit
t0
t1
gate0
gate1
int0
int1
rxdi
rxdo
txd
tdi
tdo
pmm
stop
port0(7:0)
port1(7:0)
port2(7:0)
port3(7:0)
tck
tms
rtck
coderun
debugacs
sxdmaddr
sxdmdatao
sxdmdatai
sxdmoe
sxdmwe
SXDM
interface
port0i(7:0)
port1i(7:0)
port2i(7:0)
port3i(7:0)
reset
clk
port0o(7:0)
port1o(7:0)
port2o(7:0)
port3o(7:0)
prgromdata(7:0)
prgramdata(7:0)
prgaddr(15:0)
prgdatao(7:0)
prgramwr
PINS DESCRIPTI O N
PIN
TYPE
DESCRIPTION
clk
input
Global clock
reset
input
Global reset
port0i[7:0]
input
Port 0 input
port1i[7:0]
input
Port 1 input
port2i[7:0]
input
Port 2 input
port3i[7:0]
input
Port 3 input
iprgramsize[2:0]
input
Size of on-chip RAM CODE
iprgromsize[2:0]
input
Size of on-chip ROM CODE
prgramdata[7:0]
input
Data bus from int. RAM prog. memory
prgromdata[7:0]
input
Data bus from int. ROM prog. memory
sxdmdatai[7:0]
input
Data bus from sync external data
memory (SXDM)
xdatai[7:0]
input
Data bus from external memories
sfrdatai(7:0)
sfraddr(6:0)
sfrdatao(7:0)
sfroe
sfrwe
rxdo
txd
rxdi
gate0
gate1
t0
t1
int0
int1
xaddr(23:0)
xdatao(7:0)
xdataz
xdatai(7:0)
ramdatai(7:0)
ready
xprgrd
xprgwr
xdatard
xdatawr
stop
pmm
iprgromsize(2:0)
iprgramsize(2:0)
sxdmxdatai(7:0)
tdi
tck
tms
tdo
rtck
coderun
debugacs
sxdmadd(15:0)
sxdmdatao(7:0)
sxdmwe
sxdmoe
ramaddr(7:0)
ramdtao(7:0)
ramwe
ramoe
rsto



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com