Electronic Components Datasheet Search
  English  ▼

X  

DP80390 Datasheet(PDF) 7 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance 8-bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 7 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 2Page - Digital Core Design DP80390 Datasheet HTML 3Page - Digital Core Design DP80390 Datasheet HTML 4Page - Digital Core Design DP80390 Datasheet HTML 5Page - Digital Core Design DP80390 Datasheet HTML 6Page - Digital Core Design DP80390 Datasheet HTML 7Page - Digital Core Design DP80390 Datasheet HTML 8Page - Digital Core Design DP80390 Datasheet HTML 9Page - Digital Core Design DP80390 Datasheet HTML 10Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
required Wait-States depends on memory ac-
cess time and DP80390 clock frequency. In
most cases the proper number of Wait-States
cycles is between 2-5. The READY pin can be
also dynamically modulated e.g. by SDRAM
controller.
0x000400
On-chip Memory
(implemented as ROM)
Off chip Memory
(implemented as ROM,
SRAM or FLASH)
0x000000
0x7FFFFF
0x00F000
On chip Memory
(implemented as RAM)
0x00FFFF
Off chip Memory
(implemented as ROM,
SRAM or FLASH)
The figure below shows a typical Program
Memories
connections
in
system
with
DP80390 Microcontroller core.
10
12
8
prgaddr
On-chip Memory
(implemented as ROM)
0 Wait-State access
On-
chip Memory
(implemented as RAM)
0 Wait-State access
prgromdata
i
prgramdatai
prgdatao
prgramwr
8
xdatai
8
8
xdatao
xaddr
24
xprgrd
xprgwr
Off-chip Memory
(implemented as
FLASH, or SRAM)
eg. 2-5 Wait-State
access
ASIC or FPGA
chip
ready
Wait-States
manager
DP80390
The described above implementation should be
treated as an example. All Program Memory
spaces are fully configurable. For timing-critical
applications whole program code can be imple-
mented as on-chip ROM and (or) RAM and
executed without Wait-States, but for some
other applications whole program code can be
implemented as off-chip ROM or FLASH and
executed with required number Wait-State cy-
cles.
PERFORMANCE
The following tables give a survey about the
Core area and performance in Programmable
Logic Devices after Place & Route (CPU fea-
tures and peripherals have been included):
Device
Speed grade
Fmax
FLEX10KE
-1
57 MHz
ACEX1K
-1
57 MHz
APEX20K
-1
50 MHz
APEX20KE
-1
66 MHz
APEX20KC
-7
78 MHz
APEX-II
-7
76 MHz
MERCURY
-5
100 MHz
CYCLONE
-6
91 MHz
CYCLONE-II
-6
93 MHz
STRATIX
-5
90 MHz
STRATIX-II
-3
160 MHz
Core performance in ALTERA® devices
For a user the most important is application
speed improvement. The most commonly used
arithmetic functions and theirs improvement
are shown in table below. Improvement was
computed as {80C51 clock periods} divided by
{DP80390 clock periods} required to execute
an identical function. More details are available
in core documentation.
Function
Improvement
8-bit addition (immediate data)
9,00
8-bit addition (direct addressing)
9,00
8-bit addition (indirect addressing)
9,00
8-bit addition (register addressing)
12,00
8-bit subtraction (immediate data)
9,00
8-bit subtraction (direct addressing)
9,00
8-bit subtraction (indirect addressing)
9,00
8-bit subtraction (register addressing)
12,00
8-bit multiplication
16,00
8-bit division
9,60
16-bit addition
12,00
16-bit subtraction
12,00
16-bit multiplication
13,60
32-bit addition
12,00
32-bit subtraction
12,00
32-bit multiplication
12,60
Average speed improvement:
11,12
Dhrystone Benchmark Version 2.1 was used to
measure Core performance. The following ta-
ble gives a survey about the DP80390 per-
formance in terms of Dhrystone/sec and VAX
MIPS rating.
Device
Target
Clock
fre-
quency
Dhry/sec
(VAX MIPS)
80C51
-
12 MHz
268 (0.153)
80C310
-
33 MHz
1550 (0.882)
DP8051
STRATIX-II
150 MHz 26220 (14.924)
Core performance in terms of Dhrystones



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com