Electronic Components Datasheet Search
  English  ▼

X  

DP80390 Datasheet(PDF) 8 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance 8-bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 8 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 2Page - Digital Core Design DP80390 Datasheet HTML 3Page - Digital Core Design DP80390 Datasheet HTML 4Page - Digital Core Design DP80390 Datasheet HTML 5Page - Digital Core Design DP80390 Datasheet HTML 6Page - Digital Core Design DP80390 Datasheet HTML 7Page - Digital Core Design DP80390 Datasheet HTML 8Page - Digital Core Design DP80390 Datasheet HTML 9Page - Digital Core Design DP80390 Datasheet HTML 10Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
268
1550
26220
0
3000
6000
9000
12000
15000
18000
21000
24000
27000
80C51 (12MHz)
80C310 (33MHz)
DP8051 (150MHz)
Area utilized by the each unit of DP80390 core
in vendor specific technologies is summarized
in table below.
Area
Component
[LC]
[FFs]
CPU*
1790
315
Interrupt Controller
150
40
Power Management Unit
10
5
I/O ports
100
35
Timers
160
50
UART0
210
60
Total area
2420
505
*CPU – consisted of ALU, Opcode Decoder, Control Unit, Program &
Internal & External Memory Interfaces, User SFRs Interface
Core components area utilization in all technologies except
STRATIX-II
Area
Component
[LC]
[FFs]
CPU*
1380
315
Interrupt Controller
115
40
Power Management Unit
10
5
I/O ports
75
35
Timers
125
50
UART0
160
60
Total area
1865
505
*CPU – consisted of ALU, Opcode Decoder, Control Unit, Program &
Internal & External Memory Interfaces, User SFRs Interface
Core components area utilization in STRATIX-II



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com