Electronic Components Datasheet Search
  English  ▼

X  

DSPI Datasheet(PDF) 3 Page - Digital Core Design

Part # DSPI
Description  Serial Peripheral Interface - Master/Slave
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DSPI Datasheet(HTML) 3 Page - Digital Core Design

  DSPI Datasheet HTML 1Page - Digital Core Design DSPI Datasheet HTML 2Page - Digital Core Design DSPI Datasheet HTML 3Page - Digital Core Design DSPI Datasheet HTML 4Page - Digital Core Design DSPI Datasheet HTML 5Page - Digital Core Design DSPI Datasheet HTML 6Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
SYMBO L
datai(7:0)
addr(1:0)
scki
mi
si
clk
rst
datao(7:0)
cs
rd
we
ss7o
ss6o
ss5o
ss4o
ss3o
ss2o
ss1o
ss0o
scko
scken
mo
so
soen
irq
ss
PINS DESCRIPTION
PIN
TYPE
DESCRIPTION
clk
input
Global clock
rst
input
Global reset
datai(7:0)
input
Data bus input
addr(1:0)
input
Processor address lines
cs
input
Chip select
rd
input
Processor read strobe
we
input
Processor write strobe
scki
input
SPI clock input
mi
input
Master serial data input
si
input
Slave serial data input
ss
input
Slave select
datao(7:0)
output
Data bus output
irq
output
Interrupt request
scko
output
SPI clock output
sckz
output
SPI clock output enable
mo
output
Master serial data output
so
output
Slave serial data output
ss7o-ss0o
output
Slave select outputs
BLOCK DIAGRAM
Shift register and Read Data Buffer
– it is a
central element in the SPI system. The sys-
tem is single buffered in the transmit direction
and double buffered in the receive direction.
This fact means new data for transmission
cannot be written to the shifter until the previ-
ous transaction is complete; however, re-
ceived data is transferred into a parallel read
data buffer so the shifter is free to accept a
second serial character. As long as the first
character is read out of the read data buffer
before the next serial character is ready to be
transferred, no overrun condition will occur.
When an SPI transfer occurs, an 8-bit char-
acter is shifted out on data pin while a differ-
ent 8-bit character is simultaneously shifted in
a second data pin. Another way to view this
transfer is that an 8-bit shift register in the
master and another 8-bit shift register in the
slave are connected as a circular 16-bit shift
register. When a transfer occurs, this distrib-
uted shift register is shifted eight bit positions;
thus, the characters in the master and slave
are effectively exchanged.
8-Bit Shift Register
Read Data Buffer
MSB
LSB
SPI Clock
Logic
Divider
÷4 - ÷512
SPI Control Reg.
SPI Status Reg.
clk
SPR
CPHA
CPOL
SPI
Controller
mo
so
mi
si
scko
scki
scken
datao
ss
SS Control Reg.
ss7o
ss6o
ss5o
ss4o
ss3o
ss2o
ss1o
ss0o
datai
addr
cs
we
rd
soen
Control Register
may be read or written at
any time, is used to configure the DSPI Sys-
tem. This register controls the mode of trans-
mission (Master, Slave), polarity and phase of
SPI Clock and transmission speed.
Status Register
(SPSR) is read only register
contains flags indicating the completion of
transfer or occurrence of system errors. All



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com