Electronic Components Datasheet Search
  English  ▼

X  

DSPI Datasheet(PDF) 1 Page - Digital Core Design

Part # DSPI
Description  Serial Peripheral Interface - Master/Slave
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DSPI Datasheet(HTML) 1 Page - Digital Core Design

  DSPI Datasheet HTML 1Page - Digital Core Design DSPI Datasheet HTML 2Page - Digital Core Design DSPI Datasheet HTML 3Page - Digital Core Design DSPI Datasheet HTML 4Page - Digital Core Design DSPI Datasheet HTML 5Page - Digital Core Design DSPI Datasheet HTML 6Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
D
DS
SP
PII
Serial Peripheral Interface – Master/Slave
ver 2.07
OVERVIEW
The DSPI is a fully configurable SPI mas-
ter/slave device, which allows user to config-
ure polarity and phase of serial clock signal
SCK.
The DSPI allows the microcontroller to
communicate with serial peripheral devices. It
is also capable of interprocessor communica-
tions in a multi-master system. A serial clock
line (SCK) synchronizes shifting and sampling
of the information on the two independent se-
rial data lines. DSPI data are simultaneously
transmitted and received.
The DSPI is a technology independent de-
sign that can be implemented in a variety of
process technologies.
The DSPI system is flexible enough to in-
terface directly with numerous standard prod-
uct peripherals from several manufacturers.
The system can be configured as a master or
a slave device. Data rates as high as CLK/4.
Clock control logic allows a selection of clock
polarity and a choice of two fundamentally
different clocking protocols to accommodate
most available synchronous serial peripheral
devices. When the SPI is configured as a
master, software selects one of eight different
bit rates for the serial clock.
The DSPI automatically drive selected by
SSCR (Slave Select Control Register) slave
select outputs (SS7O – SS0O), and address
SPI slave device to exchange serially shifted
data. Error-detection logic is included to sup-
port interprocessor communications. A write-
collision detector indicates when an attempt is
made to write data to the serial shift register
while a transfer is in progress. A multiple-
master mode-fault detector automatically dis-
ables DSPI output drivers if more than one
SPI devices simultaneously attempts to be-
come bus master.
DSPI is fully customizable, which means it
is delivered in the exact configuration to meet
users’ requirements. There is no need to pay
extra for not used features and wasted silicon.
It includes fully automated testbench with
complete set of tests
allowing easy package
validation at each stage of SoC design flow.
APPLICATIONS
● Embedded microprocessor boards
● Consumer and professional audio/video
● Home and automotive radio
● Digital multimeters
KEY FEATURES
● SPI Master
○
Master and Multi-master operations
○
8 SPI slave select lines
○
System error detection
○ Mode fault error
○ Write collision error
○
Interrupt generation
○
Supports speeds up ¼ of system clock


Similar Part No. - DSPI

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DSPI-FIFO DCD-DSPI-FIFO Datasheet
95Kb / 6P
Serial Peripheral Interface Master/Slave with FIFO
logo
Microchip Technology
DSPIC MICROCHIP-DSPIC Datasheet
8Mb / 20P
16-bit Embedded Control Solutions PIC24 Microcontrollers dsPIC Digital Signal Controllers
11/27/12
DSPIC24H MICROCHIP-DSPIC24H Datasheet
988Kb / 80P
Flash Programming Specification
2007
DSPIC30F MICROCHIP-DSPIC30F Datasheet
3Mb / 248P
General Purpose and Sensor Families High-Performance Digital Signal Controllers
2004
DSPIC30F MICROCHIP-DSPIC30F Datasheet
3Mb / 220P
High-Performance Digital Signal Controllers
2004
More results

Similar Description - DSPI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
UPI-C42 INTEL-UPI-C42 Datasheet
345Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
logo
Digital Core Design
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
I2C Bus Interface - Master/Slave
DSPI-FIFO DCD-DSPI-FIFO Datasheet
95Kb / 6P
Serial Peripheral Interface Master/Slave with FIFO
DSPIS DCD-DSPIS Datasheet
139Kb / 5P
Serial Peripheral Interface - Slave
logo
Renesas Technology Corp
R1EX25512ATA00A RENESAS-R1EX25512ATA00A Datasheet
566Kb / 21P
Serial Peripheral Interface
logo
Intel Corporation
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
logo
ATMEL Corporation
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
Serial Peripheral Interface (SPI) Compatible
logo
Rohm
BD8256EFV-M ROHM-BD8256EFV-M Datasheet
1Mb / 50P
Built-in Serial Peripheral Interface
logo
Prosoft-Technology
MVI69-MCM PROSOFT-MVI69-MCM Datasheet
405Kb / 3P
Modbus Master/Slave Network Interface Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com