Electronic Components Datasheet Search
  English  ▼

X  

DSPI Datasheet(PDF) 4 Page - Digital Core Design

Part # DSPI
Description  Serial Peripheral Interface - Master/Slave
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DSPI Datasheet(HTML) 4 Page - Digital Core Design

  DSPI Datasheet HTML 1Page - Digital Core Design DSPI Datasheet HTML 2Page - Digital Core Design DSPI Datasheet HTML 3Page - Digital Core Design DSPI Datasheet HTML 4Page - Digital Core Design DSPI Datasheet HTML 5Page - Digital Core Design DSPI Datasheet HTML 6Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
flags are set automatically when the corre-
sponding event occur and cleared by software
sequence.
Slave Select Control Register
configures
which slave select output should be driven
while SPI master transfer. Contents of SSCR
register is automatically assigned on SS7O-
SS0O pins when DSPI master transmission
starts.
SPI Clock Logic
- Software can select any of
four combinations of serial clock (SCK) phase
and polarity using two bits in the SPI control
register (SPCR). The clock polarity is specified
by the CPOL control bit, which selects an ac-
tive high or active low clock and has no sig-
nificant effect on the transfer format. The clock
phase (CPHA) control bit selects one of two
fundamentally different transfer formats. The
clock phase and polarity should be identical
for the master SPI device and the communi-
cating slave device. In some cases, the phase
and polarity are changed between transfers to
allow a master device to communicate with
peripheral slaves having different require-
ments. The flexibility of the SPI system on the
DSPI allows direct interface to almost any
existing synchronous serial peripheral.
SPI Controller
manages the Master/Slave
operation and controls the transmission. The
SPI Controller manages the transmission
speed and format (Phase and polarity). Con-
troller is also responsible for generating of
interrupt request and detection of transmission
errors.
PERFORMANCE
The following table gives a survey about
the Core performance in the ALTERA® de-
vices after Place & Route (all key features
have been included):
Device
Speed
grade
Logic Cells
Fmax
CYCLONE
-6
181
303 MHz
CYCLONE2
-6
172
310 MHz
STRATIX
-5
181
320 MHz
STRATIX2
-3
151
387 MHz
STRATIXGX
-5
181
307 MHz
APEX2A
-7
196
244 MHz
APEX20KC
-7
196
211 MHz
APEX20KE
-1
196
169 MHz
APEX20K
-1
196
135 MHz
ACEX1K
-1
205
156 MHz
FLEX10KE
-1
205
156 MHz
MAX2
-3
181
209 MHz
MAX3K
-5
119
96 MHz
MAX7K
-5
119
96 MHz
Core performance in ALTERA® devices



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com