Electronic Components Datasheet Search
  English  ▼

X  

AD9626 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9626
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9626 Datasheet(HTML) 1 Page - Analog Devices

  AD9626 Datasheet HTML 1Page - Analog Devices AD9626 Datasheet HTML 2Page - Analog Devices AD9626 Datasheet HTML 3Page - Analog Devices AD9626 Datasheet HTML 4Page - Analog Devices AD9626 Datasheet HTML 5Page - Analog Devices AD9626 Datasheet HTML 6Page - Analog Devices AD9626 Datasheet HTML 7Page - Analog Devices AD9626 Datasheet HTML 8Page - Analog Devices AD9626 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
12-Bit, 170 MSPS/210 MSPS/250 MSPS,
1.8 V Analog-to-Digital Converter
AD9626
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 64.8 dBFS @ fIN up to 70 MHz @ 250 MSPS
ENOB of 10.5 @ fIN up to 70 MHz @ 250 MSPS (−1.0 dBFS)
SFDR = 80 dBc @ fIN up to 70 MHz @ 250 MSPS (−1.0 dBFS)
Excellent linearity
DNL = ±0.3 LSB typical
INL = ±0.7 LSB typical
CMOS outputs
Single data port at up to 250 MHz
Interleaved dual port @ ½ sample rate up to 125 MHz
700 MHz full power analog bandwidth
On-chip reference, no external decoupling required
Integrated input buffer and track-and-hold
Low power dissipation
272 mW @ 170 MSPS
364 mW @ 250 MSPS
Programmable input voltage range
1.0 V to 1.5 V, 1.25 V nominal
1.8 V analog and digital supply operation
Selectable output data format (offset binary, twos
complement, Gray code)
Clock duty cycle stabilizer
Integrated data capture clock
APPLICATIONS
Wireless and wired broadband communications
Cable reverse path
Communications test equipment
Radar and satellite subsystems
Power amplifier linearization
FUNCTIONAL BLOCK DIAGRAM
AGND
PWDN
RBIAS
AVDD (1.8V)
VIN+
VIN–
CML
TRACK-AND-HOLD
REFERENCE
ADC
12-BIT
CORE
OUTPUT
STAGING
LVDS
CLK+
CLK–
CLOCK
MANAGEMENT
SERIAL PORT
RESET SCLK SDIO CSB
DCO–
DCO+
OVRB
OVRA
Dx11 TO Dx0
DRGND
DRVDD
12
12
AD9626
Figure 1.
GENERAL DESCRIPTION
The AD9626 is a 12-bit monolithic sampling analog-to-digital
converter optimized for high performance, low power, and ease
of use. The product operates at up to a 250 MSPS conversion
rate and is optimized for outstanding dynamic performance in
wideband carrier and broadband systems. All necessary func-
tions, including a track-and-hold (T/H) and voltage reference,
are included on the chip to provide a complete signal
conversion solution.
The ADC requires a 1.8 V analog voltage supply and a differen-
tial clock for full performance operation. The digital outputs are
CMOS compatible and support either twos complement, offset
binary format, or Gray code. A data clock output is available for
proper output data timing.
Fabricated on an advanced CMOS process, the AD9626 is
available in a 56-lead LFCSP, specified over the industrial
temperature range (−40°C to +85°C).
PRODUCT HIGHLIGHTS
1.
High Performance—Maintains 64.9 dBFS SNR @ 250 MSPS
with a 70 MHz input.
2.
Low Power—Consumes only 364 mW @ 250 MSPS.
3.
Ease of Use—CMOS output data and output clock signal
allow interface to current FPGA technology. The on-chip
reference and sample-and-hold provide flexibility in
system design. Use of a single 1.8 V supply simplifies
system power supply design.
4.
Serial Port Control—Standard serial port interface supports
various product functions, such as data formatting, clock
duty cycle stabilizer, power-down, gain adjust, and output
test pattern generation.
5.
Pin-Compatible Family—10-bit pin-compatible family
offered as the AD9601.


Similar Part No. - AD9626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9626 AD-AD9626 Datasheet
1Mb / 37P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9626-250EBZ AD-AD9626-250EBZ Datasheet
1Mb / 37P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9626BCPZ-170 AD-AD9626BCPZ-170 Datasheet
1Mb / 37P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9626BCPZ-210 AD-AD9626BCPZ-210 Datasheet
1Mb / 37P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9626BCPZ-250 AD-AD9626BCPZ-250 Datasheet
1Mb / 37P
1.8 V Analog-to-Digital Converter
Rev. 0
More results

Similar Description - AD9626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9643 AD-AD9643 Datasheet
1Mb / 36P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9642 AD-AD9642 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9634 AD-AD9634 Datasheet
1Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. B
AD9613 AD-AD9613 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. E
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com