Electronic Components Datasheet Search
  English  ▼

X  

AD9626 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9626
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9626 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9626 Datasheet HTML 12Page - Analog Devices AD9626 Datasheet HTML 13Page - Analog Devices AD9626 Datasheet HTML 14Page - Analog Devices AD9626 Datasheet HTML 15Page - Analog Devices AD9626 Datasheet HTML 16Page - Analog Devices AD9626 Datasheet HTML 17Page - Analog Devices AD9626 Datasheet HTML 18Page - Analog Devices AD9626 Datasheet HTML 19Page - Analog Devices AD9626 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD9626
Rev. 0 | Page 16 of 36
100
0
90
0
AMPLITUDE (–dBFS)
90
80
70
60
50
40
30
20
10
80
70
60
50
40
30
20
10
SNR (dB)
SFDR (dBc)
SNR (dBFS)
SFDR (dBFS)
Figure 35. AD9626-250 SNR/SFDR vs. Input Amplitude; 250 MSPS, 170.3 MHz
1.0
–1.0
0
4096
OUTPUT CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
512
1024
1536
2048
2560
3072
3584
Figure 36. AD9626-250 INL; 250 MSPS
400
0
5
245
SAMPLE RATE (MSPS)
350
300
250
200
150
100
50
25
45
65
85
105 125 145 165 185 205 225
TOTAL POWER (mW)
IAVDD (mA)
IDVDD (mA)
450
Figure 37. AD9626 Power Supply Current vs. Sample Rate
1.0
–1.0
0
4096
OUTPUT CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
512
1024
1536
2048
2560
3072
3584
Figure 38. AD9626-250 DNL; 250 MSPS
90
0
75
275
SAMPLE RATE (MSPS)
80
70
60
50
40
30
20
10
95
115
135
155
175
195
215
235
255
SFDR
SNR
Figure 39. SNR/SFDR vs. Sample Rate;
250 MSPS, 170.3 MHz @ −1 dBFS
2.5
2.0
1.5
1.0
0.5
0
–0.5
–60
120
100
80
60
40
20
0
–20
–40
TEMPERATURE (°C)
AD9626-210
AD9626-250
AD9626-170
Figure 40. Gain vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com