Electronic Components Datasheet Search
  English  ▼

X  

AD9626 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9626
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9626 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9626 Datasheet HTML 9Page - Analog Devices AD9626 Datasheet HTML 10Page - Analog Devices AD9626 Datasheet HTML 11Page - Analog Devices AD9626 Datasheet HTML 12Page - Analog Devices AD9626 Datasheet HTML 13Page - Analog Devices AD9626 Datasheet HTML 14Page - Analog Devices AD9626 Datasheet HTML 15Page - Analog Devices AD9626 Datasheet HTML 16Page - Analog Devices AD9626 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AD9626
Rev. 0 | Page 13 of 36
1.0
–1.0
0
4096
OUTPUT CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
512
1024
1536
2048
2560
3072
3584
Figure 17. AD9626-170 INL; 170 MSPS
400
0
5
245
SAMPLE RATE (MSPS)
350
300
250
200
150
100
50
25
45
65
85
105 125 145 165 185 205 225
TOTAL POWER (mW)
IAVDD (mA)
IDVDD (mA)
Figure 18. AD9626-170 Power Supply Current vs. Sample Rate
1.0
–1.0
0
4096
OUTPUT CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
512
1024
1536
2048
2560
3072
3584
Figure 19. AD9626-170 DNL; 170 MSPS
90
50
0
500
ANALOG INPUT FREQUENCY (MHz)
85
80
75
70
65
60
55
50
100
150
200
250
300
350
400
450
SFDR (–40°C)
SFDR (+25°C)
SFDR (+85°C)
SNR (+85°C)
SNR (–40°C)
SNR (+25°C)
Figure 20. SNR/SFDR vs. Analog Input Frequency, Interleaved Mode vs.
Temperature
0
–140
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
20
40
60
80
100
210MSPS
10.3MHz @ –1.0dBFS
SNR: 64.5dB
ENOB: 10.6 BITS
SFDR: 86dBc
Figure 21. AD9626-210 64k Point Single-Tone FFT; 210 MSPS, 10.3 MHz
0
–140
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
20
40
60
80
100
210MSPS
70.3MHz @ –1.0dBFS
SNR: 64.2dB
ENOB: 10.5 BITS
SFDR: 79dBc
Figure 22. AD9626-210 64k Point Single-Tone FFT; 210 MSPS, 70.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com