Electronic Components Datasheet Search
  English  ▼

X  

AD9626 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9626
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9626 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9626 Datasheet HTML 6Page - Analog Devices AD9626 Datasheet HTML 7Page - Analog Devices AD9626 Datasheet HTML 8Page - Analog Devices AD9626 Datasheet HTML 9Page - Analog Devices AD9626 Datasheet HTML 10Page - Analog Devices AD9626 Datasheet HTML 11Page - Analog Devices AD9626 Datasheet HTML 12Page - Analog Devices AD9626 Datasheet HTML 13Page - Analog Devices AD9626 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD9626
Rev. 0 | Page 10 of 36
Pin No.
Mnemonic
Description
3
DA8
Output Port A Output Bit 8.
4
DA9
Output Port A Output Bit 9.
5
DA10
Output Port A Output Bit 10.
6
DA11 (MSB)
Output Port A Output Bit 11 (MSB).
9
OVRA
Output Port A Overrange Output Bit.
10
DB0 (LSB)
Output Port B Output Bit 0 (LSB).
11
DB1
Output Port B Output Bit 1.
12
DB2
Output Port B Output Bit 2.
13
DB3
Output Port B Output Bit 3.
14
DB4
Output Port B Output Bit 4.
15
DB5
Output Port B Output Bit 5.
16
DB6
Output Port B Output Bit 6.
17
DB7
Output Port B Output Bit 7.
18
DB8
Output Port B Output Bit 8.
19
DB9
Output Port B Output Bit 9.
20
DB10
Output Port B Output Bit 10.
21
DB11 (MSB)
Output Port B Output Bit 11 (MSB).
22
OVRB
Output Port B Overrange Output Bit.
1 AGND and DRGND should be tied to a common quiet ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com