Electronic Components Datasheet Search
  English  ▼

X  

ADF5612 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF5612
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5612 Datasheet(HTML) 4 Page - Analog Devices

  ADF5612 Datasheet HTML 1Page - Analog Devices ADF5612 Datasheet HTML 2Page - Analog Devices ADF5612 Datasheet HTML 3Page - Analog Devices ADF5612 Datasheet HTML 4Page - Analog Devices ADF5612 Datasheet HTML 5Page - Analog Devices ADF5612 Datasheet HTML 6Page - Analog Devices ADF5612 Datasheet HTML 7Page - Analog Devices ADF5612 Datasheet HTML 8Page - Analog Devices ADF5612 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Data Sheet
ADF5612
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 48
Table 1. Specifications (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
PHASE DETECTOR
Input Frequency
fPFD
Fractional Mode3
100
MHz
Integer Mode
100
MHz
CHARGE PUMP
Output Current
ICP
0.2 to 3.2
mA
Set by the CP_I bit fields, see Table 50
Charge Pump Gain Step Size
200
μA
LOGIC INPUTS (CSB, SCK, AND
SDIO)
Input High Voltage
VINH
1.2
V
Input Low Voltage
VINL
0.6
V
Input Current
IIH/IIL
±1
µA
Input Capacitance
CIN
2
pF
LOGIC INPUT (CE)
Input High Voltage
VINH-3V
1.8
V
Input Low Voltage
VINL-3V
0.8
V
Input Current
IIH-3V/IIL-3V
±1
μA
Input Capacitance
CIN-3V
1
pF
LOGIC OUTPUT (SDO AND SDIO)
Output High Voltage (1.8V Mode)
VOH
1.5
1.8
V
Output high current (IOH) = 500μA, 1.8V output
selected (default setting)
Output High Voltage (3.3V Mode)
VOH-3V
V3.3V −
0.4
V
IOH = 500μA, 3.3V output selected, set by the voltage
on the DVDD pin
Output Low Voltage
VOL
0.4
V
Output low current (IOL) = 500μA
SDO High-Z Leakage
IZH/IZL
±1
μA
POWER SUPPLY VOLTAGES
3.3 V Supplies
3.15
3.3
3.45
V
AVDD, VCCHF, VCCPS, VCCPD, RVDD, DVDD,
VPPCP, VDDLS, VDD1, VDD2, and VDD3
5.0 V Supplies
4.75
5.0
5.25
V
VCOVCC
POWER DISSIPATION
Typical Power Dissipation
PDIS
1
W
fREF = fPFD = 100MHz, R_DIV = 1, ICP = 3.2mA,
RFOUT_PWR = 3, DIV_PWR = 3, RFOUT_DIV =
divide by 128
POWER SUPPLY CURRENTS
fREF = fPFD = 100MHz, R_DIV = 1, ICP = 3.2mA,
RFOUT_PWR = 3, DIV_PWR = 0
AVDD
1
μA
3.3V
RVDD
3
mA
3.3V
VCCHF
<1
μA
3.3V
VCCPS
27
mA
3.3V
VCCPD
4
mA
3.3V
DVDD
3
mA
3.3V
VPPCP and VDDLS
3
mA
3.3V, grouped supply current for VPPCP and VDDLS
VDD1
6
mA
3.3V
VDD2
1
mA
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com