Electronic Components Datasheet Search
  English  ▼

X  

ADF5612 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF5612
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5612 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF5612 Datasheet HTML 20Page - Analog Devices ADF5612 Datasheet HTML 21Page - Analog Devices ADF5612 Datasheet HTML 22Page - Analog Devices ADF5612 Datasheet HTML 23Page - Analog Devices ADF5612 Datasheet HTML 24Page - Analog Devices ADF5612 Datasheet HTML 25Page - Analog Devices ADF5612 Datasheet HTML 26Page - Analog Devices ADF5612 Datasheet HTML 27Page - Analog Devices ADF5612 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Data Sheet
ADF5612
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 24 of 48
POWER-UP AND INITIALIZATION SEQUENCE
The following steps describe the recommended power-up and initi-
alization sequence of the ADF5612:
1. Apply specified voltages to the 5V and 3.3V power supply pins.
The ADF5612 is in full power-down mode at this point and SPI
programming is not possible.
2. Set the CEN pin (Pin 44) to a logic high.
3. After waiting ≥200μs for all SPI register bits to settle to their
power-on reset (POR) state, begin programming the SPI to
configure the ADF5612 to a desired state. The following is the
recommended SPI programming sequence:
a. Set the SDO_ACTIVE bit (Register 0x000, Bit 3) and the
CMOS_OV bit (Register 0d035, Bit 5) to a desired state for
future readback operations.
b. Program all required register addresses. The ordering of
programming does not matter except to ensure that Reg-
ister 0x010 is the last register write. There are several
required reserved register field settings provided in Table 16
that are required for proper device operation.
4. The ADF5612 remains in power-down mode until the PD_ALL
bit (Register 0x027, Bit 7) is programmed to 0.
5. A write to Register 0x010 starts a VCO autocalibration. At this
point, the ADF5612 is fully operational, and new frequencies
can be programmed as often as desired. The following steps
are information for the PD_ALL bit and the CEN pin.
6. Setting PD_ALL to 1 powers down the ADF5612, retaining
the latest programmed SPI settings and full SPI programming
capability.
7. If only the state of PD_ALL was modified in Step 6, setting
PD_ALL to 0 returns the ADF5612 to the frequency program-
med in Step 5. After a 10μs wait, all circuit blocks are complete-
ly powered up internally. This 10μs wait does not include the
frequency settling time associated with the loop filter bandwidth.
8. Toggling the CE pin level causes the ADF5612 to return to
full power-down mode and return the SPI registers to the POR
state (see Step 2 and Step 3).
Figure 52. Power-Up and Initialization
Programming Procedure
There are two different methods to power up the ADF5612. The
most commonly used method is provided in the Standard Power-Up
and Initialization Sequence, Automatic VCO Calibration section that
is mandatory at the initial device power-up.
The method provided in the Fast Power-Up and Initialization, Man-
ually Programmed VCO Calibration Settings section is an optional
power-up procedure after the initial power-up.
Standard Power-Up and Initialization
Sequence, Automatic VCO Calibration
The following standard power-up and initialization sequence is the
recommended procedure to power up and program the ADF5612:
1. Follow Step 1 through Step 5 in the Power-Up and Initialization
Sequence section.
2. It is optional to monitor the status of the VCO calibration
bits, ADC_BUSY and FSM_BUSY (Register 0x048, Bit 2
and Bit 1, respectively). A VCO calibration is completed
when ADC_BUSY transitions from high to low followed by
FSM_BUSY transitioning from high to low.
3. After the VCO calibration is complete, disable the VCO calibra-
tion clocks by setting EN_DNCLK (Register 0x01E, Bit 4) =
EN_ADC_CLK (Register 0x02C, Bit 3) = 0. Disabling the VCO
calibration clocks reduces unwanted spurious content.
4. The PLL is locked when the lock detector sets the LOCKED bit
(Register 0x48, Bit 0) to high.
5. When changing the frequency, take the following steps:
a. Program only the modified registers.
b. Write to Register 0x010 to start a new VCO autocalibration
as the final step whether it is modified or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com