Electronic Components Datasheet Search
  English  ▼

X  

ADF5612 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF5612
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5612 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF5612 Datasheet HTML 7Page - Analog Devices ADF5612 Datasheet HTML 8Page - Analog Devices ADF5612 Datasheet HTML 9Page - Analog Devices ADF5612 Datasheet HTML 10Page - Analog Devices ADF5612 Datasheet HTML 11Page - Analog Devices ADF5612 Datasheet HTML 12Page - Analog Devices ADF5612 Datasheet HTML 13Page - Analog Devices ADF5612 Datasheet HTML 14Page - Analog Devices ADF5612 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Data Sheet
ADF5612
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 11 of 48
Figure 6. Open-Loop VCO Phase Noise at 8GHz RFOUT vs. Offset Frequency
Across Various Temperatures
Figure 7. Open-Loop VCO Phase Noise vs. Output Frequency Across Various
Offset Frequency
Figure 8. Closed-Loop Phase Noise vs. Offset Frequency at 8GHz RFOUT
Figure 9. Closed-Loop Phase Noise at 7.3GHz RFOUT vs. Output Frequency
Across Various Temperatures and Supplies
Figure 10. Closed Loop Phase Noise vs. Offset Frequency Across Various
Output Divider Settings at 7.3GHz Fundamental Frequency
Figure 11. VCO Band vs. Output Frequency Across Various Temperatures,
EN_AUTOCAL Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com