Electronic Components Datasheet Search
  English  ▼

X  

ADF5612 Datasheet(PDF) 39 Page - Analog Devices

Part # ADF5612
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5612 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADF5612 Datasheet HTML 35Page - Analog Devices ADF5612 Datasheet HTML 36Page - Analog Devices ADF5612 Datasheet HTML 37Page - Analog Devices ADF5612 Datasheet HTML 38Page - Analog Devices ADF5612 Datasheet HTML 39Page - Analog Devices ADF5612 Datasheet HTML 40Page - Analog Devices ADF5612 Datasheet HTML 41Page - Analog Devices ADF5612 Datasheet HTML 42Page - Analog Devices ADF5612 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Data Sheet
ADF5612
REGISTER DETAILS
analog.com
Rev. 0 | 39 of 48
Table 59. Bit Descriptions for REG002A
Bits
Bit Name
Description
Reset
Access
7
REG2A_RSV7
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
6
REG2A_RSV6
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
5
EN_LOL
Enables loss of lock detector.
0x0
R/W
0: disables loss of lock detector.
1: enables loss of lock detector.
4
EN_LDWIN
Enables the lock detector pulse window.
0x0
R/W
0: lock detector pulse window disabled.
1: lock detector pulse window enabled.
3
RESERVED
Reserved.
0x0
R/W
2
RST_LD
Resets the lock detector to the unlocked state.
0x0
R/W
0: resets to inactive.
1: resets to active.
1
ABPW_WD
PFD Antibacklash Pulse Width.
0x0
R/W
0
RESERVED
Reserved.
0x0
R/W
Address: 0x02B, Reset: 0x04, Name: REG002B
Table 60. Bit Descriptions for REG002B
Bits
Bit Name
Description
Reset
Access
[7:4]
MUXOUT
Selects test signal to MUXOUT.
0x0
R/W
0000: High-Z.
0001: LKDET.
0010: Low.
0011: SDMCLK/2.
0100: RCLK/2.
0101: NCLK/2.
0110: ADC_BUSY.
0111: Low.
1000: High.
1001: VCOCAL RBAND/2.
1010: VCOCAL NBAND/2.
1011: high.
1100: high.
1101: high.
1110: high.
1111: analog test.
3
EN_MUXOUT
Enables MUXOUT to SDO.
0x0
R/W
0: disables MUXOUT.
1: enables MUXOUT.
2
EN_CPTEST
Enables charge pump force up or down test mode.
0x1
R/W
0: charge pump force up or down test mode off (normal operation).
1: charge pump force up or down test mode on.
1
CP_DOWN
Forces pump down charge pump test mode.
0x0
R/W
0: forces pump down off.
1: forces pump down on.
0
CP_UP
Forces pump up charge pump test mode.
0x0
R/W
0: forces pump up off.
1: forces pump up on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com