Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 18 Page - Analog Devices

Part # LT4293
Description  IEEE 802.3bt PD with Telemetry and Power Priority
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT4293 Datasheet HTML 14Page - Analog Devices LT4293 Datasheet HTML 15Page - Analog Devices LT4293 Datasheet HTML 16Page - Analog Devices LT4293 Datasheet HTML 17Page - Analog Devices LT4293 Datasheet HTML 18Page - Analog Devices LT4293 Datasheet HTML 19Page - Analog Devices LT4293 Datasheet HTML 20Page - Analog Devices LT4293 Datasheet HTML 21Page - Analog Devices LT4293 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Data Sheet
LTC9105
REGISTER MAP
analog.com
Rev. A | 18 of 22
Table 11. I2C Register Details (Continued)
Byte
Bit
Data
Access
Reset
Value
Description
4
6
vpoverflow
RO
0
Voltage/Power Overflow Status. If set, the voltage or power readback is an overflow
(the measurement was outside the full scale range of the ADC). Disregard the value in
voltage_power[13:0] when vpoverflow is set.
This field is updated with every ADC conversion.
4
5:0
voltage_power[13:8]
RO
0
Voltage/Power Telemetry MSB. Upper bits of the voltage or power telemetry. Combine with
voltage_power[7:0] for a complete voltage/power telemetry reading.
This field is updated with every ADC conversion.
5
7:0
voltage_power[7:0]
RO
0
Voltage/Power Telemetry LSB. Lower bits of the voltage or power telemetry. Combine with
voltage_power[13:8] for a complete voltage or power telemetry reading.
When padc_data is cleared, voltage_power contains a voltage reading, representing
9.955mV/LSB (14-bit) with an offset of 0x2000. Full scale range ±81.55V.
When padc_data is set, voltage_power contains a power reading, representing 20.20mW/LSB
(14-bit) with an offset of 0x2000. Full scale range ±165.5W.
All values are typical and assume RSNSP-SNSN = 50mΩ. This field is updated with every ADC
conversion.
Access Key:
R/W = Read/Write. Field can be read and written normally.
RO = Read Only. Field can be read normally. Writes to a "Read Only" field are ignored.
R/W1C = Read/Write-1-to-Clear. Field can be read normally. Bits that have '1' written to them are cleared. Bits that have '0' written to them are
unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com