Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 20 Page - Analog Devices

Part # LT4293
Description  IEEE 802.3bt PD with Telemetry and Power Priority
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT4293 Datasheet HTML 14Page - Analog Devices LT4293 Datasheet HTML 15Page - Analog Devices LT4293 Datasheet HTML 16Page - Analog Devices LT4293 Datasheet HTML 17Page - Analog Devices LT4293 Datasheet HTML 18Page - Analog Devices LT4293 Datasheet HTML 19Page - Analog Devices LT4293 Datasheet HTML 20Page - Analog Devices LT4293 Datasheet HTML 21Page - Analog Devices LT4293 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Data Sheet
LTC9105
APPLICATIONS INFORMATION
analog.com
Rev. A | 20 of 22
Proper connection of the current Kelvin sense lines (SNSP, SNSN)
is important for current measurement accuracy. See Figure 24 for
an example layout of these Kelvin sense lines. The LTC9105 SNSP
and SNSN pins are Kelvin connected to the sense resistor pad
and are not otherwise connected in the power path. Figure 24
shows the two Kelvin traces from the LTC9105 to the sense resistor
(RSENSE).
Figure 24. Sense Resistor Kelvin Sense
RCLSA and RCLSB
Avoid excessive parasitic capacitance on the RCLSA and RCLSB
pins and place resistors RCLSA and RCLSB close to the LTC9105.
BYP Capacitor
Connect a 1μF ceramic capacitor from BYP to RTN as close as
possible to the LTC9105 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com