Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 21 Page - Analog Devices

Part # LT4293
Description  IEEE 802.3bt PD with Telemetry and Power Priority
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT4293 Datasheet HTML 14Page - Analog Devices LT4293 Datasheet HTML 15Page - Analog Devices LT4293 Datasheet HTML 16Page - Analog Devices LT4293 Datasheet HTML 17Page - Analog Devices LT4293 Datasheet HTML 18Page - Analog Devices LT4293 Datasheet HTML 19Page - Analog Devices LT4293 Datasheet HTML 20Page - Analog Devices LT4293 Datasheet HTML 21Page - Analog Devices LT4293 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
LTC9105
OUTLINE DIMENSIONS
analog.com
Rev. A | 21 of 22
5.00 ± 0.10
5.00 ± 0.10
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40 ± 0.10
20
19
1
2
BOTTOM VIEW—EXPOSED PAD
2.60 REF
2.70 ± 0.10
0.75 ± 0.05
R = 0.125
TYP
R = 0.05
TYP
0.25 ± 0.05
0.65 BSC
0.200 REF
0.00 – 0.05
(UH20) QFN 0208 REV Ø
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70 ± 0.05
0.25 ± 0.05
0.65 BSC
2.60 REF
2.70 ± 0.05
4.10 ± 0.05
5.50 ± 0.05
PACKAGE
OUTLINE
PIN 1 NOTCH
R = 0.30 TYP
OR 0.35 × 45°
CHAMFER
2.70 ± 0.10
2.70 ± 0.05
Figure 25. UH Package (20-Lead Plastic QFN (5mm × 5mm))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com