Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 19 Page - Analog Devices

Part # LT4293
Description  IEEE 802.3bt PD with Telemetry and Power Priority
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT4293 Datasheet HTML 14Page - Analog Devices LT4293 Datasheet HTML 15Page - Analog Devices LT4293 Datasheet HTML 16Page - Analog Devices LT4293 Datasheet HTML 17Page - Analog Devices LT4293 Datasheet HTML 18Page - Analog Devices LT4293 Datasheet HTML 19Page - Analog Devices LT4293 Datasheet HTML 20Page - Analog Devices LT4293 Datasheet HTML 21Page - Analog Devices LT4293 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
LTC9105
APPLICATIONS INFORMATION
analog.com
Rev. A | 19 of 22
EXTERNAL COMPONENT SELECTION
PoE Input Bridge
A PD is required to polarity-correct its input voltage. There are sev-
eral different options available for bridge rectifiers; silicon diodes,
Schottky diodes, and ideal diodes. When silicon or Schottky diode
bridges are used, the diode forward voltage drops affect the voltage
at the VIN pin. The LTC9105 is designed to tolerate these voltage
drops. Note, the parameters shown in Electrical Characteristics are
specified at the LTC9105 package pins.
A silicon diode bridge consumes up to 4% of the available power. In
addition, silicon diode bridges exhibit poor pairset-to-pairset unbal-
ance performance. Each branch of a silicon diode bridge shares
source/return current, and thermal runaway can cause large, non-
compliant current unbalances between pairsets.
While using Schottky diodes can help reduce the power loss with a
lower forward voltage, the Schottky bridge may not be suitable for
high temperature PD applications. Schottky diode bridges exhibit
temperature induced leakage currents. The leakage current has a
voltage dependency that can invalidate the measured detection sig-
nature. In addition, these leakage currents can back-feed through
the unpowered branch and the unused bridge, violating IEEE 802.3
specifications.
For high efficiency applications, the LT9105 supports an LT4321-
based PoE ideal diode bridge that reduces the forward voltage
drop from 0.7V to 20mV per diode while maintaining IEEE 802.3
compliance. The LT4321 simplifies thermal design, eliminates costly
heat sinks, and can operate in space-constrained applications. In
addition, with the very low voltage drop of the LT4321 ideal diode
bridge, the LTC9105's voltage readback is closer to the PD's true
input voltage.
Input Capacitor
A 0.1μF capacitor is needed from VIN to SNSN to meet the input
impedance requirement in IEEE 802.3 and to properly bypass the
LTC9105. When operating with the LT4321, locally bypass each
with a 0.047μF capacitor, thus keeping the total port capacitance
within specification. Place each capacitor as close as possible to
both the LTC9105 and LT4321. See Figure 26.
Transient Voltage Suppressor
The LTC9105 specifies an absolute maximum voltage of 100V and
is designed to tolerate brief over voltage events due to Ethernet
cable surges. To protect the LTC9105 from an overvoltage event,
install a unidirectional transient voltage suppressor (TVS) such as
an SMAJ58A or PTVS58VP1UTP between the VIN and SNSN pins.
Place the TVS as close as possible to the LTC9105.
Exposed Pad
The LTC9105 package has an exposed pad internally connected
to RTN. The exposed pad may only be connected to RTN on the
printed circuit board. Ensure the Exposed Pad has access to a
printed circuit board plane as a heat sink.
Signature Resistor (RSIG)
A 24.9kΩ, 1% resistor must be connected between VIN and RSIG
for IEEE compliant detection. The RSIG pin is low impedance
when the input voltage is in the VSIG range, then switches to high
impedance as the input voltage crosses into the VCLASS range to
save power. The RSIG pin becomes low impedance again when the
input voltage falls below VRESET.
External MOSFET
Careful selection of the power MOSFET is critical to system reliabil-
ity. Choosing a MOSFET requires extensive analysis and testing of
the MOSFET SOA curve against the various PD current limit condi-
tions. Analog Devices recommends the PSMN075-100MSE for PDs
configured to deliver up to 51W maximum port power (single-signa-
ture) or 25.5W maximum pairset power (dual-signature). For PDs
configured to power up to 71.3W maximum port power (single-sig-
nature) or 35.6W maximum pairset power (dual-signature), Analog
Devices recommends the PSMN040-100MSE. These MOSFETs
are selected for their proven reliability in PoE applications. Contact
Analog Devices before using a MOSFET other than one of these
recommended parts.
I2C Interface Isolation
A high speed isolation interface is recommended for I2C commu-
nications with the LTC9105. Analog Devices recommends the AD-
uM1252ASA for I2C isolation.
Figure 23 shows the suggested connection of the I2C interface
when the system processor is powered by an isolated supply.
Figure 23. I2C Interface Isolation
Pull-up resistors connected to the isolator should be adjusted based
on the specific isolator and the desired speed of the I2C interface.
LAYOUT CONSIDERATIONS
Sense Resistor
The LTC9105 is designed for a low 50mΩ current sense resistance.
For the LTC9105 ADC to present an accurate current telemetry, the
sense resistors should have ±1% tolerance or better and no more
than ±200ppm/°C temperature coefficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com