Electronic Components Datasheet Search
  English  ▼

X  

TMP86CM29BUG Datasheet(PDF) 68 Page - Toshiba Semiconductor

Part # TMP86CM29BUG
Description  8 Bit Microcontroller
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM29BUG Datasheet(HTML) 68 Page - Toshiba Semiconductor

Back Button TMP86CM29BUG Datasheet HTML 64Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 65Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 66Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 67Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 68Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 69Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 70Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 71Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 72Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 196 page
background image
Page 54
5. I/O Ports
5.3 Port P3 (P33 to P30)
TMP86CM29BUG
5.3 Port P3 (P33 to P30)
Port P3 is a 4-bit input/output port.
It is also used as a timer/counter input/output, divider output.
When used as a timer/counter output or divider output, respective output latch (P3DR) should be set to “1”.
It can be selected whether output circuit of P3 port is C-MOS output or a sink open drain individually, by setting
P3OUTCR. When a corresponding bit of P3OUTCR is “0”, the output circuit is selected to a sink open drain and
when a corresponding bit of P3OUTCR is “1”, the output circuit is selected to a C-MOS output. When used as an
input port or timer/counter input, respective output control (P3OUTCR) should be set to “0” after P3DR is set to “1”.
During reset, the P3DR is initialized to “1”, and the P3OUTCR is initialized to “0”.
P3 port output latch (P3DR) and P3 port terminal input (P3PRD) are located on their respective address.
When read the output latch data, the P3DR should be read and when read the terminal input data, the P3PRD reg-
ister should be read. If a read instruction is executed for port P3, read data of bits 7 to 4 are unstable.
Figure 5-4 Port P3
Port P3 control register
P3DR
(0003H)
R/W
76
543
21
0
P33
PWM6
PDO6
PPG6
TC6
P32
PWM4
PDO4
PPG4
TC4
P31
PWM3
PDO3
TC3
P30
DVO
(Initial value: **** 1111)
P3OUTCR
(0004H)
76
543
21
0
(Initial value: **** 0000)
P3OUTCR
Port P3 output circuit control
(set for each bit individually)
0: Sink open-drain output
1: C-MOS ouput
R/W
P3PRD
(000AH)
Read only
76
543
21
0
P33
P32
P31
P30
Data input (P3PRD)
Data input (P3DR)
Data output (P3DR)
Control output
Control input
STOP
OUTEN
P3OUTCRi
P3OUTCRi input
P3i
Note:i=3
to 0
D
Q
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com