Electronic Components Datasheet Search
  English  ▼

X  

TMP86CM29BUG Datasheet(PDF) 93 Page - Toshiba Semiconductor

Part # TMP86CM29BUG
Description  8 Bit Microcontroller
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM29BUG Datasheet(HTML) 93 Page - Toshiba Semiconductor

Back Button TMP86CM29BUG Datasheet HTML 89Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 90Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 91Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 92Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 93Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 94Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 95Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 96Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 97Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 196 page
background image
Page 79
TMP86CM29BUG
Table 8-3 Table Setting Ta and Tb (WGPSCK = 10, fc = 16 MHz)
Setting Value
Setting time
Setting Value
Setting time
0
16.38ms
8
8.19ms
1
15.36ms
9
7.17ms
2
14.34ms
A
6.14ms
3
13.31ms
B
5.12ms
4
12.29ms
C
4.10ms
5
11.26ms
D
3.07ms
6
10.24ms
E
2.05ms
7
9.22ms
F
1.02ms
Table 8-4 Table Setting Ta and Tb (WGPSCK = 10, fs = 32.768 kHz)
Setting Valuen
Setting time
Setting Value
Setting time
0
31.25ms
8
15.63ms
1
29.30ms
9
13.67ms
2
27.34ms
A
11.72ms
3
25.39ms
B
9.77ms
4
23.44ms
C
7.81ms
5
21.48ms
D
5.86ms
6
19.53ms
E
3.91ms
7
17.58ms
F
1.95ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com