| Electronic Components Datasheet Search |
|
TMP86CM29BUG Datasheet(PDF) 24 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86CM29BUG Datasheet(HTML) 24 Page - Toshiba Semiconductor |
|
24 / 196 page ![]() Page 10 2. Operational Description 2.2 System Clock Controller TMP86CM29BUG The data memory contents become unstable when the power supply is turned on; therefore, the data memory should be initialized by an initialization routine. 2.2 System Clock Controller The system clock controller consists of a clock generator, a timing generator, and a standby controller. Figure 2-2 System Colck Control 2.2.1 Clock Generator The clock generator generates the basic clock which provides the system clocks supplied to the CPU core and peripheral hardware. It contains two oscillation circuits: One for the high-frequency clock and one for the low-frequency clock. Power consumption can be reduced by switching of the standby controller to low-power operation based on the low-frequency clock. The high-frequency (fc) clock and low-frequency (fs) clock can easily be obtained by connecting a resonator between the XIN/XOUT and XTIN/XTOUT pins respectively. Clock input from an external oscillator is also possible. In this case, external clock is applied to XIN/XTIN pin with XOUT/XTOUT pin not connected. Example :Clears RAM to “00H”. (TMP86CM29BUG) LD HL, 0040H ; Start address setup LD A, H ; Initial value (00H) setup LD BC, 05FFH SRAMCLR: LD (HL), A INC HL DEC BC JRS F, SRAMCLR TBTCR SYSCR2 SYSCR1 XIN XOUT XTIN XTOUT fc 0036H 0038H 0039H fs Timing generator control register Timing generator Standby controller System clocks Clock generator control High-frequency clock oscillator Low-frequency clock oscillator Clock generator System control registers |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |