Electronic Components Datasheet Search
  English  ▼

X  

TMP86CM29BUG Datasheet(PDF) 31 Page - Toshiba Semiconductor

Part # TMP86CM29BUG
Description  8 Bit Microcontroller
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM29BUG Datasheet(HTML) 31 Page - Toshiba Semiconductor

Back Button TMP86CM29BUG Datasheet HTML 27Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 28Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 29Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 30Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 31Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 32Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 33Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 34Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 35Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 196 page
background image
Page 17
TMP86CM29BUG
Note 1: Always set RETM to “0” when transiting from NORMAL mode to STOP mode. Always set RETM to “1” when transiting
from SLOW mode to STOP mode.
Note 2: When STOP mode is released with RESET pin input, a return is made to NORMAL1 regardless of the RETM contents.
Note 3: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz], *; Don’t care
Note 4: Bits 1 and 0 in SYSCR1 are read as undefined data when a read instruction is executed.
Note 5: As the hardware becomes STOP mode under OUTEN = “0”, input value is fixed to “0”; therefore it may cause external
interrupt request on account of falling edge.
Note 6: When the key-on wakeup is used, RELM should be set to "1".
Note 7: Port P20 is used as STOP pin. Therefore, when stop mode is started, OUTEN does not affect to P20, and P20 becomes
High-Z mode.
Note 8: The warmig-up time should be set correctly for using oscillator.
Note 1: A reset is applied if both XEN and XTEN are cleared to “0”, XEN is cleared to “0” when SYSCK = “0”, or XTEN is cleared
to “0” when SYSCK = “1”.
Note 2: *: Don’t care, TG: Timing generator, *; Don’t care
Note 3: Bits 3, 1 and 0 in SYSCR2 are always read as undefined value.
Note 4: Do not set IDLE and TGHALT to “1” simultaneously.
Note 5: Because returning from IDLE0/SLEEP0 to NORMAL1/SLOW1 is executed by the asynchronous internal clock, the period
of IDLE0/SLEEP0 mode might be shorter than the period setting by TBTCR<TBTCK>.
Note 6: When IDLE1/2 or SLEEP1/2 mode is released, IDLE is automatically cleared to “0”.
Note 7: When IDLE0 or SLEEP0 mode is released, TGHALT is automatically cleared to “0”.
Note 8: Before setting TGHALT to “1”, be sure to stop peripherals. If peripherals are not stopped, the interrupt latch of peripherals
may be set after IDLE0 or SLEEP0 mode is released.
System Control Register 1
SYSCR1
76
543
21
0
(0038H)
STOP
RELM
RETM
OUTEN
WUT
(Initial value: 0000 00**)
STOP
STOP mode start
0: CPU core and peripherals remain active
1: CPU core and peripherals are halted (Start STOP mode)
R/W
RELM
Release method for STOP
mode
0: Edge-sensitive release
1: Level-sensitive release
R/W
RETM
Operating mode after STOP
mode
0: Return to NORMAL1/2 mode
1: Return to SLOW1 mode
R/W
OUTEN
Port output during STOP mode
0: High impedance
1: Output kept
R/W
WUT
Warm-up time at releasing
STOP mode
Return to NORMAL mode
Return to SLOW mode
R/W
00
01
10
11
3 x 216/fc
216/fc
3 x 214/fc
214/fc
3 x 213/fs
213/fs
3 x 26/fs
26/fs
System Control Register 2
SYSCR2
(0039H)
76
543
21
0
XEN
XTEN
SYSCK
IDLE
TGHALT
(Initial value: 1000 *0**)
XEN
High-frequency oscillator control
0: Turn off oscillation
1: Turn on oscillation
R/W
XTEN
Low-frequency oscillator control
0: Turn off oscillation
1: Turn on oscillation
SYSCK
Main system clock select
(Write)/main system clock moni-
tor (Read)
0: High-frequency clock (NORMAL1/NORMAL2/IDLE1/IDLE2)
1: Low-frequency clock (SLOW1/SLOW2/SLEEP1/SLEEP2)
IDLE
CPU and watchdog timer control
(IDLE1/2 and SLEEP1/2 modes)
0: CPU and watchdog timer remain active
1: CPU and watchdog timer are stopped (Start IDLE1/2 and SLEEP1/2 modes)
R/W
TGHALT
TG control (IDLE0 and SLEEP0
modes)
0: Feeding clock to all peripherals from TG
1: Stop feeding clock to peripherals except TBT from TG.
(Start IDLE0 and SLEEP0 modes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com