Electronic Components Datasheet Search
  English  ▼

X  

TPS7101QDR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7101QDR
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7101QDR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS7101QDR Datasheet HTML 12Page - Texas Instruments TPS7101QDR Datasheet HTML 13Page - Texas Instruments TPS7101QDR Datasheet HTML 14Page - Texas Instruments TPS7101QDR Datasheet HTML 15Page - Texas Instruments TPS7101QDR Datasheet HTML 16Page - Texas Instruments TPS7101QDR Datasheet HTML 17Page - Texas Instruments TPS7101QDR Datasheet HTML 18Page - Texas Instruments TPS7101QDR Datasheet HTML 19Page - Texas Instruments TPS7101QDR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
CHANGE IN DROPOUT VOLTAGE
vs
FREE-AIR TEMPERATURE
10
8
6
4
2
0
– 2
– 4
– 6
– 8
– 10
– 50
– 25
0
25
50
75
100
125
IO = 100 mA
TA – Free-Air Temperature – °C
Figure 10
0
10
15
CHANGE IN OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
20
5
– 5
– 10
– 20
– 50
– 25
0
25
50
75
100
125
VI = VO(nom) + 1 V
IO = 10 mA
– 15
TA – Free-Air Temperature – °C
Figure 11
3
2
1
0
0
1
23
456
4
5
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
6
789
10
TPS7133
TA = 25°C
RL = 10 Ω
TPS7150
TPS7148
VI – Input Voltage – V
TPS7101 With VO
Programmed to 2.5 V
Figure 12
0
45
6
7
5
15
CHANGE IN OUTPUT VOLTAGE
vs
INPUT VOLTAGE
20
89
10
10
– 5
– 10
– 15
– 20
TPS7133
TPS7150
TPS7148
TA = 25°C
RL = 10 Ω
VI – Input Voltage – V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com