Electronic Components Datasheet Search
  English  ▼

X  

TPS7101QDR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7101QDR
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7101QDR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS7101QDR Datasheet HTML 14Page - Texas Instruments TPS7101QDR Datasheet HTML 15Page - Texas Instruments TPS7101QDR Datasheet HTML 16Page - Texas Instruments TPS7101QDR Datasheet HTML 17Page - Texas Instruments TPS7101QDR Datasheet HTML 18Page - Texas Instruments TPS7101QDR Datasheet HTML 19Page - Texas Instruments TPS7101QDR Datasheet HTML 20Page - Texas Instruments TPS7101QDR Datasheet HTML 21Page - Texas Instruments TPS7101QDR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 17
40
30
10
0
50
60
f – Frequency – Hz
TPS7101Q
RIPPLE REJECTION
vs
FREQUENCY
70
20
10
100
1K
10K
100K
1M
10M
RL = 500 Ω
RL = 10 Ω
CO = 4.7 µF (CSR = 1 Ω)
No Input Capacitance
VO Programmed to 2.5 V
RL = 100 kΩ
TA = 25°C
VI = 3.5 V
Figure 18
10 M
1 M
100 k
10 k
1 k
100
f – Frequency – Hz
RIPPLE REJECTION
vs
FREQUENCY
70
60
50
40
30
20
10
0
– 10
10
RL = 100 kΩ
RL = 500 Ω
RL = 10 Ω
TPS7133Q
CO = 4.7 µF (CSR = 1 Ω)
No Input Capacitance
TA = 25°C
VI = 3.5 V
Figure 19
10 M
1 M
100 k
10 k
1 k
100
f – Frequency – Hz
RIPPLE REJECTION
vs
FREQUENCY
70
60
50
40
30
20
10
0
– 10
10
RL = 100 kΩ
RL = 500 Ω
TPS7148Q
RL = 10 Ω
CO = 4.7 µF (CSR = 1 Ω)
No Input Capacitance
TA = 25°C
VI = 3.5 V
Figure 20
10 M
1 M
100 k
10 k
1 k
100
f – Frequency – Hz
RIPPLE REJECTION
vs
FREQUENCY
70
60
50
40
30
20
10
0
10
RL = 100 kΩ
RL = 500 Ω
RL = 10 Ω
CO = 4.7 µF (CSR = 1 Ω)
No Input Capacitance
TPS7150Q
TA = 25°C
VI = 3.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com