Electronic Components Datasheet Search
  English  ▼

X  

TPS7101QDR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7101QDR
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7101QDR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS7101QDR Datasheet HTML 24Page - Texas Instruments TPS7101QDR Datasheet HTML 25Page - Texas Instruments TPS7101QDR Datasheet HTML 26Page - Texas Instruments TPS7101QDR Datasheet HTML 27Page - Texas Instruments TPS7101QDR Datasheet HTML 28Page - Texas Instruments TPS7101QDR Datasheet HTML 29Page - Texas Instruments TPS7101QDR Datasheet HTML 30Page - Texas Instruments TPS7101QDR Datasheet HTML 31Page - Texas Instruments TPS7101QDR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
programming the TPS7101 adjustable LDO regulator (continued)
Resistors R1 and R2 should be chosen for approximately 7-
µA divider current. A recommended value for R2
is 169 k
Ω with R1 adjusted for the desired output voltage. Smaller resistors can be used, but offer no inherent
advantage and consume more power. Larger values of R1 and R2 should be avoided as leakage currents at
FB introduce an error. Solving equation 1 for R1 yields a more useful equation for choosing the appropriate
resistance:
R1
+
V
O
V
ref
* 1 @ R2
OUTPUT
VOLTAGE
R1
R2
2.5 V
3.3 V
3.6 V
4 V
5 V
6.4 V
UNIT
191
309
348
402
549
750
169
169
169
169
169
169
k
Ω
k
Ω
k
Ω
k
Ω
k
Ω
k
Ω
OUTPUT VOLTAGE
PROGRAMMING GUIDE
VO
VI
PG
OUT
FB
R1
R2
GND
EN
IN
<0.5V
>2.7 V
TPS7101
Power-Good
Indicator
0.1
µF
250 k
Ω
+
Figure 44. TPS7101 Adjustable LDO Regulator Programming
power-good indicator
The TPS71xx features a power-good (PG) output that can be used to monitor the status of the regulator. The
internal comparator monitors the output voltage: when the output drops to between 92% and 98% of its nominal
regulated value, the PG output transistor turns on, taking the signal low. The open-drain output requires a pullup
resistor. If not used, it can be left floating. PG can be used to drive power-on reset circuitry or as a low-battery
indicator. PG does not assert itself when the regulated output voltage falls outside the specified 2% tolerance,
but instead reports an output voltage low, relative to its nominal regulated value.
regulator protection
The TPS71xx PMOS-pass transistor has a built-in back diode that safely conducts reverse currents when the
input voltage drops below the output voltage (e.g., during power down). Current is conducted from the output
to the input and is not internally limited. When extended reverse voltage is anticipated, external limiting may be
appropriate.
The TPS71xx also features internal current limiting and thermal protection. During normal operation, the
TPS71xx limits output current to approximately 1 A. When current limiting engages, the output voltage scales
back linearly until the overcurrent condition ends. While current limiting is designed to prevent gross device
failure, care should be taken not to exceed the power dissipation ratings of the package. If the temperature of
the device exceeds 165
°C, thermal-protection circuitry shuts it down. Once the device has cooled, regulator
operation resumes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com