Electronic Components Datasheet Search
  English  ▼

X  

TPS7101QDR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7101QDR
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7101QDR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS7101QDR Datasheet HTML 13Page - Texas Instruments TPS7101QDR Datasheet HTML 14Page - Texas Instruments TPS7101QDR Datasheet HTML 15Page - Texas Instruments TPS7101QDR Datasheet HTML 16Page - Texas Instruments TPS7101QDR Datasheet HTML 17Page - Texas Instruments TPS7101QDR Datasheet HTML 18Page - Texas Instruments TPS7101QDR Datasheet HTML 19Page - Texas Instruments TPS7101QDR Datasheet HTML 20Page - Texas Instruments TPS7101QDR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
2.5
2.495
2.485
2.48
0
100
200
300
2.505
2.515
TPS7101Q
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
2.52
400
500
2.49
2.51
IO – Output Current – mA
TA = 25°C
VO Programmed to 2.5 V
VI = 3.5 V
VI = 10 V
Figure 14
3.3
3.29
3.27
3.26
0
100
200
300
3.31
3.33
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.34
400
500
3.28
3.32
TPS7133Q
TA = 25°C
VI = 10 V
VI = 4.3 V
IO – Output Current – mA
Figure 15
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
TPS7148Q
4.87
4.85
4.83
4.8
0
100
300
4.89
4.92
500
4.91
4.9
4.88
4.86
4.84
4.82
4.81
200
400
IO – Output Current – mA
TA = 25°C
VI = 5.85 V
VI = 10 V
Figure 16
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
TPS7150Q
5.01
4.99
4.97
4.94
0
100
300
5.03
5.06
400
500
5.05
5.04
5.02
5
4.98
4.96
4.95
200
TA = 25°C
VI = 6 V
VI = 10 V
IO – Output Current – mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com