Electronic Components Datasheet Search
  English  ▼

X  

TPS7101QPWLE Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS7101QPWLE
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7101QPWLE Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS7101QPWLE Datasheet HTML 9Page - Texas Instruments TPS7101QPWLE Datasheet HTML 10Page - Texas Instruments TPS7101QPWLE Datasheet HTML 11Page - Texas Instruments TPS7101QPWLE Datasheet HTML 12Page - Texas Instruments TPS7101QPWLE Datasheet HTML 13Page - Texas Instruments TPS7101QPWLE Datasheet HTML 14Page - Texas Instruments TPS7101QPWLE Datasheet HTML 15Page - Texas Instruments TPS7101QPWLE Datasheet HTML 16Page - Texas Instruments TPS7101QPWLE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at IO = 10 mA, EN = 0 V, CO = 4.7 µF/CSR† = 1 Ω, TJ = 25°C, SENSE shorted
to OUT (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS‡
TPS7150Y
UNIT
PARAMETER
TEST CONDITIONS‡
MIN
TYP
MAX
UNIT
Output voltage
VI = 6 V,
IO = 10 mA
5
V
VI = 4.88 V,
IO = 10 mA
0.13
Dropout voltage
VI = 4.88 V,
IO = 100 mA
27
mV
VI = 4.88 V,
IO = 500 µA
146
Pass-element series resistance
(4.88 V – VO)/IO,
IO = 500 mA
VI = 4.88 V,
0.29
Ω
Output regulation
6 V
≤ VI ≤ 10 V,
IO = 5 mA to 500 mA
30
mV
Output regulation
6 V
≤ VI ≤ 10 V,
IO = 50 µA to 500 mA
45
mV
Ripple rejection
VI = 6 V,
IO = 50 µA
55
dB
Ripple rejection
I
,
f = 120 Hz
IO = 500 mA
52
dB
Output noise-spectral density
VI = 6 V,
f = 120 Hz
2
µV/√Hz
VI = 6V,
CO = 4.7 µF
430
Output noise voltage
VI = 6 V,
10 Hz
≤ f ≤ 100 kHz,
CSR†
CO = 10 µF
345
µVrms
CSR† = 1
Ω
CO = 100 µF
220
PG hysteresis voltage
VI = 6 V
53
mV
PG output low voltage
VI = 4.25 V,
PG = 1.2 mA
0.2
V
† CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace resistance
to CO.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com