Electronic Components Datasheet Search
  English  ▼

X  

TPS7101QPWLE Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS7101QPWLE
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7101QPWLE Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS7101QPWLE Datasheet HTML 16Page - Texas Instruments TPS7101QPWLE Datasheet HTML 17Page - Texas Instruments TPS7101QPWLE Datasheet HTML 18Page - Texas Instruments TPS7101QPWLE Datasheet HTML 19Page - Texas Instruments TPS7101QPWLE Datasheet HTML 20Page - Texas Instruments TPS7101QPWLE Datasheet HTML 21Page - Texas Instruments TPS7101QPWLE Datasheet HTML 22Page - Texas Instruments TPS7101QPWLE Datasheet HTML 23Page - Texas Instruments TPS7101QPWLE Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 25
0.4
0.3
0.2
0.1
24
5
7
0.5
PASS-ELEMENT RESISTANCE
vs
INPUT VOLTAGE
0.6
910
36
8
TA = 25°C
VI(FB) = 1.12 V
VI – Input Voltage – V
1
0.9
0.8
0.7
1.1
IO = 500 mA
IO = 100 mA
Figure 26
0.8
0.6
0.5
0.4
1
1.1
DIVIDER RESISTANCE
vs
FREE-AIR TEMPERATURE
1.2
0.9
0.7
– 50
– 25
0
25
50
75
100
125
TPS7150
TPS7148
TPS7133
VI = VO(nom) + 1 V
VI(sense) = VO(nom)
TA – Free-Air Temperature – °C
Figure 27
5.2
4.8
4.6
4.4
5.6
5.8
FIXED-OUTPUT VERSIONS
SENSE PIN CURRENT
vs
FREE-AIR TEMPERATURE
6
5.4
5
– 50
– 25
0
25
50
75
100
125
VI = VO(nom) + 1 V
VI(sense) = VO(nom)
TA – Free-Air Temperature – °C
Figure 28
0.3
0.2
0.1
0
0.4
0.5
ADJUSTABLE VERSION
FB LEAKAGE CURRENT
vs
FREE-AIR TEMPERATURE
0.6
– 50
– 25
0
25
50
75
100
125
VFB = 2.5 V
TA – Free-Air Temperature – °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com