Electronic Components Datasheet Search
  English  ▼

X  

TPS7101QPWLE Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS7101QPWLE
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7101QPWLE Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS7101QPWLE Datasheet HTML 10Page - Texas Instruments TPS7101QPWLE Datasheet HTML 11Page - Texas Instruments TPS7101QPWLE Datasheet HTML 12Page - Texas Instruments TPS7101QPWLE Datasheet HTML 13Page - Texas Instruments TPS7101QPWLE Datasheet HTML 14Page - Texas Instruments TPS7101QPWLE Datasheet HTML 15Page - Texas Instruments TPS7101QPWLE Datasheet HTML 16Page - Texas Instruments TPS7101QPWLE Datasheet HTML 17Page - Texas Instruments TPS7101QPWLE Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Output current
5
IQ
Quiescent current
vs Input voltage
6
vs Free-air temperature
7
VDO
Dropout voltage
vs Output current
8
∆VDO
Change in dropout voltage
vs Free-air temperature
9
∆VO
Change in output voltage
vs Free-air temperature
10
VO
Output voltage
vs Input voltage
11
∆VO
Change in output voltage
vs Input voltage
12
13
VO
Output voltage
vs Output current
14
VO
Output voltage
vs Output current
15
16
17
Ripple rejection
vs Frequency
18
Ripple rejection
vs Frequency
19
20
21
Output spectral noise density
vs Frequency
22
Output spectral noise density
vs Frequency
23
24
rDS(on)
Pass-element resistance
vs Input voltage
25
R
Divider resistance
vs Free-air temperature
26
II(SENSE)
SENSE pin current
vs Free-air temperature
27
FB leakage current
vs Free-air temperature
28
VI
Minimum input voltage for active-pass element
vs Free-air temperature
29
VI
Minimum input voltage for valid PG
vs Free-air temperature
30
II(EN)
Input current (EN)
vs Free-air temperature
31
Output voltage response from Enable (EN)
32
VPG
Power-good (PG) voltage
vs Output voltage
33
CSR
Compensation series resistance
vs Output current
34
CSR
Compensation series resistance
vs Output current
35
CSR
Compensation series resistance
vs Added ceramic capacitance
36
CSR
Compensation series resistance
vs Added ceramic capacitance
37
CSR
Compensation series resistance
vs Output current
38
CSR
Compensation series resistance
vs Output current
39
CSR
Compensation series resistance
vs Added ceramic capacitance
40
CSR
Compensation series resistance
vs Added ceramic capacitance
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com