Electronic Components Datasheet Search
  English  ▼

X  

TPS7101QPWLE Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS7101QPWLE
Description  LOW-DROPOUT VOLTAGE REGULATORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7101QPWLE Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS7101QPWLE Datasheet HTML 19Page - Texas Instruments TPS7101QPWLE Datasheet HTML 20Page - Texas Instruments TPS7101QPWLE Datasheet HTML 21Page - Texas Instruments TPS7101QPWLE Datasheet HTML 22Page - Texas Instruments TPS7101QPWLE Datasheet HTML 23Page - Texas Instruments TPS7101QPWLE Datasheet HTML 24Page - Texas Instruments TPS7101QPWLE Datasheet HTML 25Page - Texas Instruments TPS7101QPWLE Datasheet HTML 26Page - Texas Instruments TPS7101QPWLE Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q
TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y
LOW-DROPOUT VOLTAGE REGULATORS
SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 34
1
0.1
0
50
100 150 200 250 300
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE
vs
OUTPUT CURRENT
350 400 450 500
10
100
IO – Output Current – mA
Region of Instability
Region of Instability
VI = VO(nom) + 1 V
No Input Capacitance
CO = 4.7 µF
No Added Ceramic Capacitance
TA = 25°C
Figure 35
1
0.1
0
50
100 150 200 250 300 350 400 450 500
10
100
IO – Output Current – mA
Region of Instability
Region of Instability
VI = VO(nom) + 1 V
No Input Capacitance
CO = 4.7 µF + 0.5 µF of
Ceramic Capacitance
TA = 25°C
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE
vs
OUTPUT CURRENT
Figure 36
1
0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
10
100
Ceramic Capacitance –
µF
Region of Instability
Region of Instability
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE
vs
ADDED CERAMIC CAPACITANCE
VI = VO(nom) + 1 V
No Input Capacitance
IO= 100 mA
CO = 4.7 µF
TA = 25°C
Figure 37
1
0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
10
100
Ceramic Capacitance –
µF
Region of Instability
Region of Instability
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE
vs
ADDED CERAMIC CAPACITANCE
VI = VO(nom) + 1 V
No Input Capacitance
IO= 500 mA
CO = 4.7 µF
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com