Electronic Components Datasheet Search
  English  ▼

X  

TLWD1100 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLWD1100
Description  Panel Circuit Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWD1100 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLWD1100 Datasheet HTML 1Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 2Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 3Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 4Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 5Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 6Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 7Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 8Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLWD1100(T11)
2007-10-01
4
TLWD1100
0.01
1
300
30
100
3
10
0.03
0.1
0.3
1
3
5
50
500
Ta
= 25°C
0.1
1
10
-40
-20
0
204060
80
100
0.0
0.2
0.4
0.6
0.8
1.0
300
400
500
600
700
800
0.29
0.3
0.31
0.32
0.33
0.34
0
5
10
15
20
25
30
35
40
Forward Voltage VF (V)
IF – VF
Forward Current IF (mA)
IV/IV(20 mA) – IF
Ta = 25°C
Radiation pattern
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
Forward current IF (mA)
Cx, Cy – IF
Case Temperature Tc (°C)
Relative IV – Tc
Wavelength
λ (nm)
Wavelength characteristic
(typ.)
(typ.)
Ta
= 25°C
Cx
Cy
(typ.)
(typ.)
(typ.)
(typ.)
1
3
10
30
100
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
Ta
= 25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com