Electronic Components Datasheet Search
  English  ▼

X  

TLWD1100 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLWD1100
Description  Panel Circuit Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWD1100 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLWD1100 Datasheet HTML 1Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 2Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 3Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 4Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 5Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 6Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 7Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 8Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLWD1100(T11)
2007-10-01
1
TOSHIBA LED Lamps
TLWD1100(T11)
Panel Circuit Indicator
• Surface-mount devices
• 3.2 (L) × 2.8 (W) × 1.9 (H) mm
• LED chip + phosphor
• Luminous intensity : Iv = 180 mcd (typ.) @20mA
• Color: White
• Chromaticity (typ.) : Cx=0.32,Cy=0.31
• Topr / Tstg = -40 to 100°C
• Reflow soldering is possible
• Applications: automotive use,
backlighting etc.
• Standard embossed tape packing: T11 (2000/reel)
8-mm tape reel
Color and Material
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
(Note 1)
IF
30
mA
Power Dissipation
PD
120
mW
Operating Temperature
Topr
−40~100
°C
Storage Temperature
Tstg
−40~100
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Forward current derating
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
4-3R1
Weight: 0.035 g (typ.)
Product Name
Color
Material
TLWD1100
White
InGaN
IF – Ta
0
0
20
40
60
80
100
120
5
10
15
20
25
30
35
Ambient temperature Ta (°C)


Similar Part No. - TLWD1100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWD1100B TOSHIBA-TLWD1100B Datasheet
290Kb / 9P
Panel Circuit Indicators
More results

Similar Description - TLWD1100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
Panel Circuit Indicator
TLGU13CP TOSHIBA-TLGU13CP Datasheet
257Kb / 7P
Panel Circuit Indicator
TLGU53T TOSHIBA-TLGU53T_07 Datasheet
266Kb / 9P
Panel Circuit Indicator
TLOU123 TOSHIBA-TLOU123_07 Datasheet
193Kb / 6P
Panel Circuit Indicator
TLOU180P TOSHIBA-TLOU180P_07 Datasheet
201Kb / 6P
Panel Circuit Indicator
TLOU267 TOSHIBA-TLOU267_07 Datasheet
180Kb / 4P
Panel Circuit Indicator
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com