Electronic Components Datasheet Search
  English  ▼

X  

TLWD1100 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLWD1100
Description  Panel Circuit Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWD1100 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLWD1100 Datasheet HTML 1Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 2Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 3Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 4Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 5Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 6Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 7Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 8Page - Toshiba Semiconductor TLWD1100 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLWD1100(T11)
2007-10-01
7
3. Reel dimensions
Unit: mm
4. Leader and trailer sections of tape
Note1: Empty trailer section
Note2: Empty leader section
9
± 0.3
11.4
± 1.0
2
± 0.5
φ44
(Note 1)
Leading part: 190 mm (min)
40 mm or more
(Note 2)
40 mm or more



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com