Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS9813 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS9813 Datasheet HTML 24Page - Texas Instruments ADS9813 Datasheet HTML 25Page - Texas Instruments ADS9813 Datasheet HTML 26Page - Texas Instruments ADS9813 Datasheet HTML 27Page - Texas Instruments ADS9813 Datasheet HTML 28Page - Texas Instruments ADS9813 Datasheet HTML 29Page - Texas Instruments ADS9813 Datasheet HTML 30Page - Texas Instruments ADS9813 Datasheet HTML 31Page - Texas Instruments ADS9813 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
6.3.6.2 ADC Output Data Randomizer
The ADS9813 features a data output randomizer. When enabled, the ADC conversion result is bit-wise
exclusive-ORed (XOR) with either the LSB of the conversion result (Figure 6-9) or XOR_PRBS bit that can
be appended to the ADC data output (Figure 6-8). The LSB of the ADC conversion result and XOR_PRBS have
equal probability of being either 1 or 0. As a result of the XOR operation, the data output from the ADS9813 is
randomized. The ground bounce created by the transmission of this randomized result over the data interface is
uncorrelated with the analog input voltage. This uncorrelated transmission helps minimize interference between
data transmission and analog performance of the ADC when the PCB layout does not minimize ground bounce.
MSB
MSB - 1
MSB - 2
LSB + 1
LSB
MSB
MSB - 1
MSB - 2
LSB + 1
LSB
ADC Conversion
Result
Bit-wise
XOR
Randomized
Result
PRBS bit
PRBS bit
PRBS bit is appended after LSB of conversion result
Register XOR_PRBS = 0b
Figure 6-8. Bit-Wise XOR Operation with PRBS Bit
MSB
MSB - 1
MSB - 2
LSB + 1
LSB
MSB
MSB - 1
MSB - 2
LSB + 1
LSB
ADC Conversion
Result
Bit-wise
XOR
Randomized
Result
LSB of conversion result is used for XOR operation
Register XOR_PRBS = 1b
Figure 6-9. Bit-Wise XOR Operation with ADC LSB
6.3.6.3 Data Averaging
The ADS9813 features two modes of data averaging to improve SNR - simple average and moving average.
Simple averaging reduces the output data rate by a factor of 2 whereas moving average does not affect the
output data rate. Table 6-10 and Table 6-11 show the register operations to enable and disable the simple
average and moving average respectively.
Table 6-10. Register Operations for Simple Average
STEP #
REGISTER FIELD
ENABLE SIMPLE AVERAGE
DISABLE SIMPLE AVERAGE
1
REG_BANK_SEL
2
2
2
EN_AVG
1
0
3
AVG_CFG3
1
0
4
AVG_CFG2
3
0
5
AVG_CFG1
1
0
6
AVG_CFG4
3
0
Table 6-11. Register Operations for Moving Average
STEP #
REGISTER FIELD
ENABLE SIMPLE AVERAGE
DISABLE SIMPLE AVERAGE
1
REG_BANK_SEL
2
2
2
EN_AVG
1
0
3
EN_MVG_AVG
1
0
ADS9813, ADS9811, ADS9810
SBASAQ6A – JULY 2024 – REVISED NOVEMBER 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADS9813 ADS9811 ADS9810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com