Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS9813 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS9813 Datasheet HTML 28Page - Texas Instruments ADS9813 Datasheet HTML 29Page - Texas Instruments ADS9813 Datasheet HTML 30Page - Texas Instruments ADS9813 Datasheet HTML 31Page - Texas Instruments ADS9813 Datasheet HTML 32Page - Texas Instruments ADS9813 Datasheet HTML 33Page - Texas Instruments ADS9813 Datasheet HTML 34Page - Texas Instruments ADS9813 Datasheet HTML 35Page - Texas Instruments ADS9813 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
6.4.5 Speed-Boost Mode
ADS9813 supports a speed-boost mode that allows up to 8MSPS sampling rate for a user-selected analog input
channel pair. In the speed-boost mode, only the user-selected channel pair is converted while the remaining 6
analog input channels are idle. The sampling rate is equal to the sampling clock frequency. The user can select
any pair combination of analog inputs from the list below:
• CH1 and CH8
• CH2 and CH7
• CH3 and CH6
• CH4 and CH5
The data output interface specifications remain the same as normal mode of operation. CH[4:1] and CH[8:5]
output data is replaced, respectively, by data corresponding to the channel pair selected.
Table 6-15 shows the register operations to enable or disable the speed-boost mode.
Table 6-15. Register operations for Speed-Boost Mode
STEP #
REGISTER FIELD
ENABLE SPEED-BOOST
DISABLE SPEED-BOOST
1
REG_BANK_SEL
2
2
2
BOOST_CFG1
3
0
3
BOOST_CFG2
1
0
4
EN_BOOST
1
0
5
SEL_CH_BOOST
•
0 for CH1 and CH8
•
1 for CH2 and CH7
•
2 for CH3 and CH6
•
3 for CH4 and CH5
0
6
REG_BANK_SEL
16
16
7
BOOST_CFG3
1
0
8
BOOST_CFG4
1
0
ADS9813, ADS9811, ADS9810
SBASAQ6A – JULY 2024 – REVISED NOVEMBER 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADS9813 ADS9811 ADS9810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com