Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS9813 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS9813 Datasheet HTML 4Page - Texas Instruments ADS9813 Datasheet HTML 5Page - Texas Instruments ADS9813 Datasheet HTML 6Page - Texas Instruments ADS9813 Datasheet HTML 7Page - Texas Instruments ADS9813 Datasheet HTML 8Page - Texas Instruments ADS9813 Datasheet HTML 9Page - Texas Instruments ADS9813 Datasheet HTML 10Page - Texas Instruments ADS9813 Datasheet HTML 11Page - Texas Instruments ADS9813 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
5.5 Electrical Characteristics (continued)
at AVDD_5V = 4.75V to 5.25V, VDD_1V8 = 1.75V to 1.85V, IOVDD = 1.15V to 1.85V, VREF = 4.096V (external), and
maximum throughput (unless otherwise noted); minimum and maximum values at TA = –40°C to +125°C; typical values at TA
= 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE(3) (4)
SNR
Signal-to-noise ratio
Low-noise filter, fIN = 2kHz, range = ±2.5V
85.3
87.4
dBFS
Low-noise filter, fIN = 2kHz, range = ±3.5V
86.3
88.4
Low-noise filter, fIN = 2kHz, range = ±5V
87
89.1
Low-noise filter, fIN = 2kHz, range = ±7V
87.5
89.8
Low-noise filter, fIN = 2kHz, range = ±10V
88
90.2
Low-noise filter, fIN = 2kHz, range = ±12V
88.1
90.3
Wide-bandwidth filter, fIN = 2kHz,
range = ±2.5V
77.1
79.1
Wide-bandwidth filter, fIN = 2kHz,
range = ±3.5V
77.4
79.4
Wide-bandwidth filter, fIN = 2kHz,
range = ±5V
77.5
79.7
Wide-bandwidth filter, fIN = 2kHz,
range = ±7V
77.7
79.9
Wide-bandwidth filter, fIN = 2kHz,
range = ±10V
79.5
81.6
Wide-bandwidth filter, fIN = 2 kHz,
range = ±12V
80.2
82.4
SINAD
Signal-to-noise + distortion ratio
Low-noise filter, fIN = 2kHz, range = ±2.5V
85.2
87.3
dB
Low-noise filter, fIN = 2kHz, range = ±3.5V
86.2
88.3
Low-noise filter, fIN = 2kHz, range = ±5V
86.9
89
Low-noise filter, fIN = 2kHz, range = ±7V
87.4
89.7
Low-noise filter, fIN = 2kHz, range = ±10V
87.9
90.1
Low-noise filter, fIN = 2kHz, range = ±12V
88
90.2
Wide-bandwidth filter, fIN = 2kHz,
range = ±2.5V
77
79
Wide-bandwidth filter, fIN = 2kHz,
range = ±3.5V
77.3
79.3
Wide-bandwidth filter, fIN = 2kHz,
range = ±5V
77.4
79.6
Wide-bandwidth filter, fIN = 2kHz,
range = ±7V
77.6
79.8
Wide-bandwidth filter, fIN = 2kHz,
range = ±10V
79.4
81.5
Wide-bandwidth filter, fIN = 2 kHz,
range = ±12V
80.1
82.3
THD
Total harmonic distortion
Low-noise filter, fIN = 2kHz, all ranges
–113
dB
Wide-bandwidth filter, fIN = 2kHz, all ranges
–113
SFDR
Spurious-free dynamic range
fIN = 2kHz
102
dB
fIN = 2kHz, data averaging enabled
113
CMRR
At dc
–70
dB
Isolation crosstalk
At dc
–100
dB
INTERNAL REFERENCE
VREF (1)
Voltage on REFIO pin
(configured as output)
1µF capacitor on REFIO pin, TA = 25°C
4.092
4.096
4.1
V
Reference temperature drift
7
20 ppm/°C
ADS9813, ADS9811, ADS9810
SBASAQ6A – JULY 2024 – REVISED NOVEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADS9813 ADS9811 ADS9810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com