Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS9813 Datasheet(HTML) 3 Page - Texas Instruments

  ADS9813 Datasheet HTML 1Page - Texas Instruments ADS9813 Datasheet HTML 2Page - Texas Instruments ADS9813 Datasheet HTML 3Page - Texas Instruments ADS9813 Datasheet HTML 4Page - Texas Instruments ADS9813 Datasheet HTML 5Page - Texas Instruments ADS9813 Datasheet HTML 6Page - Texas Instruments ADS9813 Datasheet HTML 7Page - Texas Instruments ADS9813 Datasheet HTML 8Page - Texas Instruments ADS9813 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
4 Pin Configuration and Functions
1
2
3
4
AIN2P
5
AIN2M
6
AIN3P
Not to scale
Thermal
Pad
7
AIN3M
8
GND
9
AIN4P
10
11
AIN5P
12
AIN5M
13
14
42
41
40
39
38
NC
37
NC
36
D3
35
D2
34
D1
33
32
31
30
29
AIN4M
REFM
D0
IOVDD
FCLKOUT
DCLKOUT
AIN6P
AIN6M
AIN7P
AIN7M
GND
IOVDD
GND
PWDN
RESET
Figure 4-1. RSH Package, 56-Pin VQFN (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
AIN1M
55
AI
Analog input channel 1, negative input.
AIN1P
54
AI
Analog input channel 1, positive input.
AIN2M
2
AI
Analog input channel 2, negative input.
AIN2P
1
AI
Analog input channel 2, positive input.
AIN3M
4
AI
Analog input channel 3, negative input.
AIN3P
3
AI
Analog input channel 3, positive input.
AIN4M
6
AI
Analog input channel 4, negative input.
AIN4P
5
AI
Analog input channel 4, positive input.
AIN5M
10
AI
Analog input channel 5, negative input.
AIN5P
9
AI
Analog input channel 5, positive input.
AIN6M
12
AI
Analog input channel 6, negative input.
AIN6P
11
AI
Analog input channel 6, positive input.
AIN7M
14
AI
Analog input channel 7, negative input.
AIN7P
13
AI
Analog input channel 7, positive input.
www.ti.com
ADS9813, ADS9811, ADS9810
SBASAQ6A – JULY 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ADS9813 ADS9811 ADS9810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com