Electronic Components Datasheet Search
  English  ▼

X  

ALH80 Datasheet(PDF) 12 Page - Astec America, Inc

Part # ALH80
Description  Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH80 Datasheet(HTML) 12 Page - Astec America, Inc

Back Button ALH80 Datasheet HTML 8Page - Astec America, Inc ALH80 Datasheet HTML 9Page - Astec America, Inc ALH80 Datasheet HTML 10Page - Astec America, Inc ALH80 Datasheet HTML 11Page - Astec America, Inc ALH80 Datasheet HTML 12Page - Astec America, Inc ALH80 Datasheet HTML 13Page - Astec America, Inc ALH80 Datasheet HTML 14Page - Astec America, Inc ALH80 Datasheet HTML 15Page - Astec America, Inc ALH80 Datasheet HTML 16Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Technical Reference Notes
AEH/ALH80 Series
MODEL: AEH/ALH80 SERIES
SHEET 12 OF 17
OCTOBER 9, 2003 - REVISION B
Performance Curves (continued)
CURRENT VS. TEMPERATURE CURVES
AEH80Y48 O/P Current vs. Ambient Temp
0
10
20
30
40
50
60
70
80
25
35
45
55
65
75
85
Ambient Temperature [°C]
0 LFM
100 LFM
200 LFM
400 LFM
ALH80Y48 O/P Cutrrent vs. Ambient Temp
0
10
20
30
40
50
60
70
80
25
35
45
55
65
75
85
Ambient Temparature [°C]
0 LFM
200 LFM
200 LFM
400 LFM
AEH80M48 O/P Current vs. Ambient Temp
0
10
20
30
40
50
60
70
80
25
35
45
55
65
75
85
Ambient Temperature [°C]
0 LFM
100 LFM
200 LFM
400 LFM
ALH80M48 O/P Current vs. Ambient Temp
0
10
20
30
40
50
60
70
80
25
35
45
55
65
75
85
Ambient Temperature [°C]
0 LFM
100 LFM
200 LFM
400 LFM
Figure 17. 1.8V Output Derating Curves (100ºC Baseplate)
at various airflow conditions directed across PIN 4 to 1
with the module mounted vertically.
Figure 18. 1.8V Output Derating Curves (125ºC Junction)
at various airflow conditions directed across PIN 4 to 1
with the module mounted vertically.
Figure 19. 1.5V Output Derating Curves (100ºC Baseplate)
at various airflow conditions directed across PIN 4 to 1
with the module mounted vertically.
Figure 20. 1.5V Output Derating Curves (125ºC Junction)
at various airflow conditions directed across PIN 4 to 1
with the module mounted vertically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com