Electronic Components Datasheet Search
  English  ▼

X  

ALH80 Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALH80
Description  Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH80 Datasheet(HTML) 2 Page - Astec America, Inc

  ALH80 Datasheet HTML 1Page - Astec America, Inc ALH80 Datasheet HTML 2Page - Astec America, Inc ALH80 Datasheet HTML 3Page - Astec America, Inc ALH80 Datasheet HTML 4Page - Astec America, Inc ALH80 Datasheet HTML 5Page - Astec America, Inc ALH80 Datasheet HTML 6Page - Astec America, Inc ALH80 Datasheet HTML 7Page - Astec America, Inc ALH80 Datasheet HTML 8Page - Astec America, Inc ALH80 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Technical Reference Notes
AEH/ALH80 Series
MODEL: AEH/ALH80 SERIES
SHEET 2 OF 17
OCTOBER 9, 2003 - REVISION B
AEH/ALH80 Series
MODEL NAME
CONSTRUCTION
VOUT / IOUT
AEH80Y48
Baseplate adapted
1.8V / 80A
AEH80M48
Baseplate adapted
1.5V / 80A
AEH80K48
Baseplate adapted
1.2V / 80A
ALH80Y48
Open Frame; Low Profile
1.8V / 80A
ALH80M48
Open Frame; Low Profile
1.5V / 80A
ALH80K48
Open Frame; Low Profile
1.2V / 80A
OPTIONS:
SUFFIX
Negative Enable:
"N"
Positive Enable (Default):
No suffix
Single Pair Output Pins:
“-3”
Redundant Output Pins (Default):
No suffix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com