Electronic Components Datasheet Search
  English  ▼

X  

ALH80 Datasheet(PDF) 3 Page - Astec America, Inc

Part # ALH80
Description  Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH80 Datasheet(HTML) 3 Page - Astec America, Inc

  ALH80 Datasheet HTML 1Page - Astec America, Inc ALH80 Datasheet HTML 2Page - Astec America, Inc ALH80 Datasheet HTML 3Page - Astec America, Inc ALH80 Datasheet HTML 4Page - Astec America, Inc ALH80 Datasheet HTML 5Page - Astec America, Inc ALH80 Datasheet HTML 6Page - Astec America, Inc ALH80 Datasheet HTML 7Page - Astec America, Inc ALH80 Datasheet HTML 8Page - Astec America, Inc ALH80 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Technical Reference Notes
AEH/ALH80 Series
MODEL: AEH/ALH80 SERIES
SHEET 3 OF 17
OCTOBER 9, 2003 - REVISION B
Electrical Specifications
STANDARD TEST CONDITION on a single module unless otherwise specified.
TA
25
°C (Ambient Air)
Airflow
Refer to Figures 21 to 24
+VIN
PIN 1
Return pin for +VIN
Enable
PIN 2
Dependent on model series
-VIN
PIN 3
48V
± 2V
-VOUT
PIN 4
Connected to Load
-Sense
PIN 5
Connected to +VOUT
Trim
PIN 6
Open
+Sense
PIN 7
Connected to -VOUT
+Vout
PIN 8
Connected to Load (return)
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the converter. Functional
operation of the device is converter is not implied at these or any other conditions in excess of those given in the
operational section of the specs. Exposure to absolute maximum ratings for extended period can adversely affect
device reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage
1
Continuous
Transient (100ms)
All
All
VIN
VI N, trans
0
0
-
-
75
100
Vdc
Vdc
Isolation Voltage
Input to Output
Input to Case
Output to Case
All
AEH
-
-
1500
1500
1500
Vdc
Vdc
Vdc
Operating Ambient Temperature
ALH
TA
-40
-
+85
ºC
AEH
TC
-40
-
100
Storage Temperature
All
TSTG
-55
-
125
ºC
Operating Humidity
All
-
-
-
85
%
Maximum Enable Voltage
All
25
Vdc
Max Output Power
Y (1.8V)
PO
-
-
144
W
M (1.5V)
PO
-
-
120
W
K (1.2V)
PO
-
-
96
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com