Electronic Components Datasheet Search
  English  ▼

X  

ALH80 Datasheet(PDF) 16 Page - Astec America, Inc

Part # ALH80
Description  Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH80 Datasheet(HTML) 16 Page - Astec America, Inc

Back Button ALH80 Datasheet HTML 9Page - Astec America, Inc ALH80 Datasheet HTML 10Page - Astec America, Inc ALH80 Datasheet HTML 11Page - Astec America, Inc ALH80 Datasheet HTML 12Page - Astec America, Inc ALH80 Datasheet HTML 13Page - Astec America, Inc ALH80 Datasheet HTML 14Page - Astec America, Inc ALH80 Datasheet HTML 15Page - Astec America, Inc ALH80 Datasheet HTML 16Page - Astec America, Inc ALH80 Datasheet HTML 17Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Technical Reference Notes
AEH/ALH80 Series
MODEL: AEH/ALH80 SERIES
SHEET 16 OF 17
OCTOBER 9, 2003 - REVISION B
Mechanical Specifications (continued)
0.42 [10.6]
0.20 [5.1]
1.90 [48.3]
2.30 [58.4]
2 Enable (On/Off)
PIN ASSIGNMENT
PIN PLACEMENT TOLERANCE : ± 0.005(0.127)
MECHANICAL TOLERANCE ± .002(0.5)
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
[1.0Ø] 7 PLACES
[2.0Ø] 4 PLACES
5-6 -Output
1.50 [38.1]
1.90 [48.3]
4
3
PIN SIDE UP
0.20 [5.1]
7 -Sense
9 + Sense
8 Trim
10-11 + Output
NOTES:
2.00 [50.8]
2
1
0.90 [22.8]
0.50 [12.7]
+ Output
-Output
PIN SIDE DOWN
+ Vin
2.40 [60.9]
- Vin
4 - Vin
3 CASE
1 + Vin
SIDE VIEW
0.04Ø
0.08Ø
0.23 [5.9]
1.70 [43.2]
1.90 [48.3]
11
10
9
8
7
6
5
0.50 [12.7]
0.70 [17.8]
0.90 [22.9]
1.20 [30.5]
1.50 [38.1]
Figure 26. ALH80 Series (Open Frame) Mechanical Outline Drawing.
SOLDERING CONSIDERATIONS
The AEH/ALH80 series converters are compatible with standard wave soldering techniques. When wave soldering, the
converter pins should be preheated for 20-30 seconds at 110
°C and wave soldered at 260°C for less than 10 seconds.
When hand soldering, the iron temperature should be maintained at 425
°C and applied to the converter pins for less than 5
seconds. Longer exposure can cause internal damage to the converter. Cleaning can be performed with cleaning solvent IPA or
with water.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com