Electronic Components Datasheet Search
  English  ▼

X  

TLP351 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP351
Description  GaA?밃s IRED Photo IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP351 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP351 Datasheet HTML 1Page - Toshiba Semiconductor TLP351 Datasheet HTML 2Page - Toshiba Semiconductor TLP351 Datasheet HTML 3Page - Toshiba Semiconductor TLP351 Datasheet HTML 4Page - Toshiba Semiconductor TLP351 Datasheet HTML 5Page - Toshiba Semiconductor TLP351 Datasheet HTML 6Page - Toshiba Semiconductor TLP351 Datasheet HTML 7Page - Toshiba Semiconductor TLP351 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TLP351
2007-10-01
4
Switching Characteristics (Ta = −40 to 100°C, unless otherwise specified)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.*
Max
Unit
L
→ H
tpLH
IF = 0 → 5 mA
100
⎯
700
Propagation delay time
H
→ L
tpHL
VCC = 30 V
Rg = 47 Ω
Cg = 3 nF
IF = 5 → 0 mA
100
⎯
700
ns
Propagation delay difference
between any two parts or channels
PDD
|tpHL-tpLH|
VCC = 30 V, Rg = 47 Ω,
Cg = 3 nF
−500
⎯
500
ns
Output rise time (10-90%)
tr
IF = 0 → 5 mA
⎯
50
⎯
Output fall time (90-10%)
tf
7
VCC = 30 V
Rg = 47 Ω
Cg = 3 nF
IF = 5 → 0 mA
⎯
50
⎯
ns
Common mode transient immunity
at high level output
CMH
IF = 5 mA
VO (min) = 26 V
−10000
⎯
⎯
Common mode transient immunity
at low level output
CML
8
VCM = 1000 Vp-p
Ta
= 25°C
VCC = 30 V
IF = 0 mA
VO (max) = 1 V
10000
⎯
⎯
V/
μs
*: All typical values are at Ta
= 25°C
Test Circuit 1: IOPH
Test Circuit 2: IOPL
Test Circuit 3: VOH
Test Circuit 4: VOL
Test Circuit 5: ICCH
Test Circuit 6: ICCL
IF
A
1
4
5
8
IOPH
V8-6
VCC
V
1
4
5
8
VCC
IF
VOH
1
4
5
8
VCC
IF
A
ICCH
A
1
4
5
8
IOPL
V6-5
VCC
1
4
5
8
VOL
VCC
V
VF
1
4
5
8
VCC
A
ICCL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com