Electronic Components Datasheet Search
  English  ▼

X  

TLP351 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP351
Description  GaA?밃s IRED Photo IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP351 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP351 Datasheet HTML 1Page - Toshiba Semiconductor TLP351 Datasheet HTML 2Page - Toshiba Semiconductor TLP351 Datasheet HTML 3Page - Toshiba Semiconductor TLP351 Datasheet HTML 4Page - Toshiba Semiconductor TLP351 Datasheet HTML 5Page - Toshiba Semiconductor TLP351 Datasheet HTML 6Page - Toshiba Semiconductor TLP351 Datasheet HTML 7Page - Toshiba Semiconductor TLP351 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP351
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs IRED + Photo IC
TLP351
Inverter for Air Conditioner
IGBT/Power MOS FET Gate Drive
Industrial Inverter
The TOSHIBA TLP351 consists of a GaAℓAs light emitting diode and a
integrated photodetector.
This unit is 8-lead DIP package.
TLP351 is suitable for gate driving circuit of IGBT or power MOS FET.
Especially TLP351 is capable of “direct” gate drive of lower Power
IGBTs.
• Peak output current: ±0.6 A (max)
• Guaranteed performance over temperature: −40 to 100°C
• Supply current: 2 mA (max)
• Power supply voltage: 10 to 30 V
• Threshold input current : IF = 5 mA (max)
• Switching time (tpLH/tpHL) : 700 ns (max)
• Common mode transient immunity: 10 kV/μs
• Isolation voltage: 3750 Vrms
• Option(D4)
VDE Approved : DIN EN60747-5-2
Maximum Operating Insulation Voltage : 890VPK
Highest Permissible Over Voltage
: 4000VPK
(Note):When a EN60747-5-2 approved type is needed,
Please designate “Option(D4)”
Truth Table
Input
LED
Tr1
Tr2
Output
H
ON
ON
OFF
H
L
OFF
OFF
ON
L
Unit: mm
TOSHIBA
11-10C4
Weight: 0.54 g (typ.)
8
1: NC
2: Anode
3: Cathode
4: NC
5: GND
6: VO (output)
7: NC
8: VCC
7
6
5
1
2
3
4
Pin Configuration (top view)
Schematic
A 0.1
μF bypass capacitor must be connected
between pin 8 and 5.
2
+
3
−
VCC
VO
GND
(Tr1)
(Tr2)
ICC
IO
IF
VF
5
6
8


Similar Part No. - TLP351

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
TLP351A TOSHIBA-TLP351A Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351AF TOSHIBA-TLP351AF Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
GaA?밃s IRED Photo IC
TLP351H TOSHIBA-TLP351H Datasheet
496Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-10-19 Rev.8.0
More results

Similar Description - TLP351

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
GaA?밃s IRED Photo IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
GaA?밃s Ired & Photo-IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
Photocoupler GaA?밃s IRED Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com