Electronic Components Datasheet Search
  English  ▼

X  

TLP351 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP351
Description  GaA?밃s IRED Photo IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP351 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP351 Datasheet HTML 1Page - Toshiba Semiconductor TLP351 Datasheet HTML 2Page - Toshiba Semiconductor TLP351 Datasheet HTML 3Page - Toshiba Semiconductor TLP351 Datasheet HTML 4Page - Toshiba Semiconductor TLP351 Datasheet HTML 5Page - Toshiba Semiconductor TLP351 Datasheet HTML 6Page - Toshiba Semiconductor TLP351 Datasheet HTML 7Page - Toshiba Semiconductor TLP351 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TLP351
2007-10-01
7
I CCL -Ta
I CCH -Ta
-40 -20
0
20406080 100
0
2
4
6
8
10
-40 -20
0
20406080 100
0
2
4
6
8
10
Ambient Temperature Ta(°C)
Ambient Temperature Ta(
°C)
IOPL – Ta
IOPH – Ta
-40 -20
0
20406080 100
0
0.2
0.4
0.6
0.8
1
-40 -20
0
20
406080 100
-1
-0.8
-0.6
-0.4
-0.2
0
Ambient Temperature Ta(°C)
Ambient Temperature Ta(°C)
tpHL,tp LH-Ta
-40 -20
0
20406080 100
0
100
200
300
400
500
Ambient Temperature Ta(°C)
*: The above graphs show typical characteristics.
V6-5=10.0V
V6-5=2.0V
IF=0mA,VCC=15V
(Note:9)
V8-6=10V
V8-6=4.0V
IF=5mA,VCC=15V
(Note:9)
tpHL
tpLH
IF=5mA,VCC=30V
Rg=47Ω,Cg=3nF
VCC=30V
I F=5mA
VCC=30V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com