Electronic Components Datasheet Search
  English  ▼

X  

TLP351 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP351
Description  GaA?밃s IRED Photo IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP351 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP351 Datasheet HTML 1Page - Toshiba Semiconductor TLP351 Datasheet HTML 2Page - Toshiba Semiconductor TLP351 Datasheet HTML 3Page - Toshiba Semiconductor TLP351 Datasheet HTML 4Page - Toshiba Semiconductor TLP351 Datasheet HTML 5Page - Toshiba Semiconductor TLP351 Datasheet HTML 6Page - Toshiba Semiconductor TLP351 Datasheet HTML 7Page - Toshiba Semiconductor TLP351 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP351
2007-10-01
3
Electrical Characteristics (Ta = −40 to 100°C, unless otherwise specified)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.*
Max
Unit
Forward voltage
VF
⎯
IF = 5 mA, Ta = 25°C
⎯
1.55
1.70
V
Temperature coefficient of forward
voltage
∆VF/∆Ta
⎯
IF = 5 mA
⎯
−2.0
⎯
mV/°C
Input reverse current
IR
⎯
VR = 5 V, Ta = 25°C
⎯
⎯
10
μA
Input capacitance
CT
⎯
V
= 0 , f = 1 MHz,Ta = 25°C
⎯
45
⎯
pF
IOPH1
V8-6 = 4 V
−0.2
−0.4
⎯
“H” Level
IOPH2
1
VCC = 15 V
IF = 5 mA
V8-6 = 10 V
−0.4
−0.67
⎯
IOPL1
V6-5 = 2 V
0.2
0.35
⎯
Output current
(Note 8)
“L” Level
IOPL2
2
VCC = 15 V
IF = 0 mA
V6-5 = 10 V
0.4
0.63
⎯
A
“H” Level
VOH
3
IO = −100 mA,
IF = 5 mA
6.0
8.5
⎯
Output voltage
“L” Level
VOL
4
VCC = 10 V
IO = 100 mA,
VF = 0.8 V
⎯
0.4
1.0
V
“H” Level
ICCH
5
IF = 10 mA
⎯
1.4
2.0
Supply current
“L” Level
ICCL
6
VCC = 10 to 30 V
VO open
IF = 0 mA
⎯
1.3
2.0
mA
Threshold input current
L
→ H
IFLH
⎯
VCC = 15 V, VO > 1 V
⎯
2.5
5
mA
Threshold input voltage
H
→ L
VFHL
⎯
VCC = 15 V, VO < 1 V
0.8
⎯
⎯
V
Supply voltage
VCC
⎯
⎯
10
⎯
30
V
*: All typical values are at Ta
= 25°C
Note 8: Duration of IO time ≤ 50 μs
Note 9: This product is more sensitive than the conventional product to static electricity (ESD) because of a lowest
power consumption design.
General precaution to static electricity (ESD) is necessary for handling this component.
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
V = 0,f = 1MHz
(Note5)
⎯
1.0
⎯
pF
Isolation resistance
RS
VS = 500 V, Ta = 25°C,
R.H. ≤ 60%
(Note5)
1×10
12
10
14
―
Ω
AC,1 minute
3750
―
―
AC,1 second,in oil
―
10000
―
Vrms
Isolation voltage
BVS
DC,1 minute,in oil
―
10000
―
Vdc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com