Electronic Components Datasheet Search
  English  ▼

X  

TA7291S/SG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA7291S/SG
Description  BRIDGE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7291S/SG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA7291S/SG Datasheet HTML 1Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 2Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 3Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 4Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 5Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 6Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 7Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 8Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TA7291P/S/SG/F/FG
2007-06-13
4
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, Ta = 25°C, VCC = 12 V, VS = 18 V)
CHARACTERISTIC
SYMBOL
TEST
CIR−
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
ICC1
Output OFF, CW / CCW mode
―
8.0
13.0
mA
ICC2
Output OFF, Stop mode
―
0
50
μA
Supply Current
ICC3
1
Output OFF, Brake mode
―
6.5
10.0
mA
1 (High)
VIN1
3.5
―
5.5
Input Operating Voltage
2 (Low)
VIN2
Tj = 25°C
GND
―
0.8
V
Input Current
IIN
VIN = 3.5 V, Sink mode
―
3
10
μA
Input Hysteresis Voltage
∆VT
2
―
―
0.7
―
V
Upper
Side
VSAT U−1
Vref = VS, VOUT − VS measure
IO = 0.2 A, CW / CCW mode
―
0.9
1.2
P/ S/SG
/ F/FG
Type
Lower
Side
VSAT L−1
Vref = VS, VOUT − GND
measure
IO = 0.2 A, CW / CCW mode
―
0.8
1.2
Upper
Side
VSAT U−2
Vref = VS, VOUT − VS measure
IO = 0.4 A, CW / CCW mode
―
1.0
1.35
S/SG /
F/FG
Type
Lower
Side
VSAT L−2
Vref = VS, VOUT − GND
measure
IO = 0.4 A, CW / CCW mode
―
0.9
1.35
Upper
Side
VSAT U−3
Vref = VS, VOUT − VS measure
IO = 1.0 A, CW / CCW mode
―
1.3
1.8
Saturation
Voltage
P Type
Lower
Side
VSAT L−3
3
Vref = VS, VOUT − GND
measure
IO = 1.0 A, CW / CCW mode
―
1.2
1.85
V
VSAT U−1’
Vref = 10 V
VOUT − GND measure,
IO = 0.2 A, CW / CCW mode
―
11.2
―
S/SG / F/FG Type
VSAT U−2’
Vref = 10 V
VOUT − GND measure,
IO = 0.4 A, CW / CCW mode
10.4
10.9
12.2
VSAT U−3’
Vref = 10 V
VOUT − GND measure,
IO = 0.5 A, CW / CCW mode
―
11.0
―
Output
Voltage
(Upper Side)
P Type
VSAT U−4’
3
Vref = 10 V
VOUT − GND measure,
IO = 1.0 A, CW / CCW mode
10.2
10.7
12.0
V
Upper
Side
IL U
VL = 25 V
―
―
50
Leakage Current
Lower
Side
IL L
4
VL = 25 V
―
―
50
μA
S/SG /
F/FG
Type
Upper
Side
VF U−1
IF = 0.4 A
―
1.5
―
P Type
Lower
Side
VF U−2
IF = 1 A
―
2.5
―
S/SG /
F/FG
Type
Upper
Side
VF L−1
IF = 0.4 A
―
0.9
―
Diode
Forward
Voltage
P Type
Lower
Side
VF L−2
5
IF = 1 A
―
1.2
―
V
Reference Current
Iref
2
Vref = 10 V, Source mode
―
20
40
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com