Electronic Components Datasheet Search
  English  ▼

X  

TA7291S/SG Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA7291S/SG
Description  BRIDGE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7291S/SG Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA7291S/SG Datasheet HTML 1Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 2Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 3Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 4Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 5Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 6Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 7Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 8Page - Toshiba Semiconductor TA7291S/SG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TA7291P/S/SG/F/FG
2007-06-13
2
BLOCK DIAGRAM
PIN FUNCTION
PIN No.
P
S/SG
F/FG
SYMBOL
FUNCTION DESCRIPTION
7
2
11
VCC
Supply voltage terminal for Logic
8
6
15
VS
Supply voltage terminal for Motor driver
4
8
5
Vref
Supply voltage terminal for control
1
5
1
GND
GND terminal
5
9
7
IN1
Input terminal
6
1
9
IN2
Input terminal
2
7
4
OUT1
Output terminal
10
3
13
OUT2
Output terminal
P Type:
Pin (3), (9): NC
S/SG Type:
PIN (4): NC
F/FG Type:
PIN (2), (3), (6), (8), (10), (12), (14), and (16): NC
For F/FG Type, We recommend FIN to be connected to the GND.
TA7291P / TA7291S/SG / TA7291F/FG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com